Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 97 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 97 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 93Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 94Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 95Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 96Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 97Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 98Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 99Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 100Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 101Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
97
※
23 VREG pin. Measuring conditions: N times boosting(N=2~5), electronic control = “1 1 1 1 1 1 1” , Display a
checkered pattern , DCON=AMPON=”1” , NLIN=”0” ,1/130 duty , VDD=VEE , VBA=VREF , C1=C2=1.0µF,
C3=0.1µF , no load
Note: The capacitor C1 is use for booster related pin.
CAP1+ , CAP1- , CAP2+ , CAP2- , CAP3+ , CAP3- , CAP4+ , CAP4- , CAP5+, CAP5- VOUT
The capacitor C2 is use for bias related pin.
V0 , V1 , V2 , V3 , V4
The capacitor C3 is use for VREG pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com