| Electronic Components Datasheet Search |
|
EM65568AF Datasheet(PDF) 67 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM65568AF Datasheet(HTML) 67 Page - ELAN Microelectronics Corp |
|
67 / 112 page ![]() EM65568 130 COM/ 128 SEG 4096 Color STN LCD Driver * This specification is subject to be changed without notice. 2005/3/8 (V1.2) 67 8.2 Functions of Control Registers The EM65568 has many control registers as shown in “7 Control Register”. In case of control register access, upper nibble of data bus(D7~D4) represent register address, lower nibble of data bus(D3~D0) represent data. The access example is shown in the following. The Pins (CSB, RS, RDB, WRB) setting are for 80-family MPU interface. Only the setting of terminal (RDB,WRB) is different, when it is accessed by the 68-fanily MPU. (Example) X Address D7 D6 D5 D4 D3 D2 D1 D0 CSB RS RDB WRB RE2 RE1 RE0 0 0 0 0 AX3 AX2 AX1 AX0 0 1 1000 0 Register address Data Pins setting Register Bank In the writing to the control register, it is used directly as addressing D7~D4 of the data bus. In case of register read, first set RA register for specific register address, next can read specific register. Therefore, it is need 2-step for register read. Then, specific register output to D3~D0 of data bus. Except D3~D0 of data bus are all “H”. Prohibit access to undefined register address area. When RS is “L”, all read/write operations are accessed to display RAM. Then data bus doesn’t include register address. In case of write, D3~D0 data is written to the register designated at D7~D4 in rising edge of the WRB signal. In case of read, register can output to data bus is RDB active period. Control register and display RAM are the equal access timing. 8.2.1 X Address Register (AX) D7 D6 D5 D4 D3 D2 D1 D0 CSB RS RDB WRB RE2 RE1 RE0 00 00 AX3 AX2 AX1 AX0 01 1 0 0 0 0 (At the time of reset: {AX3, AX2, AX1, AX0}= 0H, read address: 0H) D7 D6 D5 D4 D3 D2 D1 D0 CSB RS RDB WRB RE2 RE1 RE0 00 01 AX7 AX6 AX5 AX4 01 1 0 0 0 0 (At the time of reset: {AX7, AX6, AX5, AX4}= 0H, read address: 1H) The AX register set to X-direction address of display RAM. In data setting, lower place and upper place are divided with 4-bit and 4-bit respectively. 8.2.2 Y Address Register D7 D6 D5 D4 D3 D2 D1 D0 CSB RS RDB WRB RE2 RE1 RE0 0 0 1 0 AY3 AX2 AY1 AY0 0 1 1 0 0 0 0 (At the time of reset: {AY3, AY2, AY1, AY0}=0H, read address: 2H) D7 D6 D5 D4 D3 D2 D1 D0 CSB RS RDB WRB RE2 RE1 RE0 0 0 1 1 AY7 AY6 AY5 AY4 0 1 1 0 0 0 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |