Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 95 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 95 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 91Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 92Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 93Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 94Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 95Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 96Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 97Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 98Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 99Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
95
Relationship of oscillating frequency (fosc) and external clock frequency (fCK) to LCD frame frequency (fFLM) is each
display mode
Ratio of display duty cycle (1/D)
Original
oscillating clock
Display mode
1/130 to 1/82
1/74 to 1/42
1/34 to 1/26
1/18 to 1/10
Pin used
Variable gradation
fosc /(2*31*D) fosc /(4*31*D) fosc /(8*31*D) fosc /(16*31*D)
Simple gradation (4096
color)
fosc/(2*15*D)
fosc/(4*15*D)
fosc/(8*15*D)
fosc/(16*15*D)
Simple gradation (256
color)
fosc /(2*7*D)
fosc /(4*7*D)
fosc /(8*7*D)
fosc /(16*7*D)
When use
built-in
oscillating
circuit (fosc)
Monochrome
fosc /(2*1*D)
fosc /(4*1*D)
fosc /(8*1*D)
fosc /(16*1*D)
Variable gradation
fCK/(2*31*D)
fCK /(4*31*D) fCK /(8*31*D) fCK /(16*31*D)
Simple gradation (4096
color)
fCK /(2*15*D) fCK /(4*15*D) fCK /(8*15*D) fCK /(16*15*D)
Simple gradation (256
color)
fCK /(2*7*D)
fCK /(4*7*D)
fCK /(8*7*D)
fCK /(16*7*D)
When use
external clock
from CK pin.
(fCK)
Monochrome
fCK /(2*1*D)
fCK /(4*1*D)
fCK /(8*1*D)
fCK /(16*1*D)
FLM
Pin used:
※
1 D0-D15, CSB, RS, M/S, M86, RDB, WRB, CK, CKS, CLK, LP, FLM, M, P/S, RESB, TEST pins.
※
2 D0~D15 pins
※
3 LP, FLM, M, CLK pins
※
4 CSB, RS, M/S, M86, RDB, WRB, CK, CKS, P/S, RESB, TEST pins
※
5 VREF pin
※
6 Applied when D0~D15, CLK, LP, FLM, and M are in the state of high impedance.
※
7 SEGA0~SEGA127, SEGB0~SEGB127, SEGC0~SEGC127. DSEGA0~DSEGA1, DSEGB0~DSEGB0 ,
DSEGC0~DSEGC1 , COM0~COM79, COMA, COMB pins Resistance when being applied 0.5V between each
output pin and each power supply (V0, V1, V2, V3, V4) and when being applied 1/9 bias.
※
8 VDD pin, VDD pin current without load at the stoppage of original oscillating clock and at non-select
(CSB=VDD)
※
9 Oscillating frequency, when using the built-in oscillating circuit (variable gradation display mode,4096 or 256
color mode)
※
10 Oscillating frequency, when using the built-in oscillating circuit (16 gradation fixed display mode)
※
11 Oscillating frequency, when using the built-in oscillating circuit (8 gradation fixed display mode)
※
12 Oscillating frequency, when using the built-in oscillating circuit (monochrome display mode)
※
13 VOUT pin. When using the built-in oscillating circuit, the built-in power supply is used, and boosting 6 times is
used, this pin is applied. VEE=2.4~3.3 V, The electronic control is preset (The code is (“1 1 1 1 1 1 1”)). Measuring
conditions: bias=1/5~1/9, 1/130 duty, without load. RL=500 KΩ (between VOUT and VSS), C1=C2=1.0µF,
C3=0.1µF, DCON=AMPON=”1”, BF=”11”
※
14 VOUT pin. When using the built-in oscillating circuit, the built-in power supply is used, and boosting 5 times is
used, this pin is applied. VEE=2.4~3.3 V, The electronic control is preset (The code is (“1 1 1 1 1 1 1”)). Measuring
conditions: bias=1/5~1/12, 1/130 duty, without load. RL=500 KΩ (between VOUT and VSS), C1=C2=1.0µF,
C3=0.1µF, DCON=AMPON=”1”, BF=”11”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com