Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 74 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 74 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 70Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 71Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 72Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 73Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 74Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 75Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 76Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 77Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 78Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
74
In each operation mode, the following increment operation is performed:
(i)
When gradation display mode and 8-bit access are selected
Address are incremented as described above.
(ii)
When gradation display mode and 16-bit access are selected:
Two bytes are accessed by accessing the RAM once.
The X-addresses increment in the order of 00H,01H,…3EH,and 3FH.
8.2.8 Power Control Register
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
0
1
1
AMPON HALT DCON ACL
0
1
1
0
0
0
0
(At the tine of reset: {AMPON, HALT,DCON,ACL}=0H, read address: BH)
ACL
The internal circuit can be initialized. This register is effective only at Master operation mode.
ACL = “0”: Normal operation
ACL = “1”: Initialization ON
When the reset operation begins internally after ACL register sets to “1”, the ACL register is automatically cleared to “0”. The
internal reset signal has been generated with a clock (built-in oscillation circuit or CK input) for the display. Therefore, install
the WAIT period for the display clock two cycles at least. After WAIT period, next operation can handle. Since built-in
oscillation circuit and external CK input can not be used in the slave mode, the setting of the ACL register becomes the
invalidity. Certainly use the RESB terminal, when the reset is applied on the slave chip.
DCON
The internal booster circuit is set ON/OFF
DCON = “0”: Booster circuit OFF
DCON=”1”: Booster circuit ON
HALT
The conditions of power saving are set ON/OFF by this command.
HALT = “0”: Normal operation
HALT=”1”: Power-saving operation
When setting in the power-saving state, the consumed current can be reduced to a value near to the standby current.
The internal condition at power saving are as follows.
(a)
The oscillating circuit and power supply circuit are stopped.
(b)
The LCD drive is stopped, and output of the segment driver and common driver are VSS level.
(c)
The clock input from CK pin is inhibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com