Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 85 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 85 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 81Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 82Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 83Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 84Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 85Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 86Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 87Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 88Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 89Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
85
8.2.15 Display Select Control
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
0
0
0
PWM GLSB
PS
0
1
1
0
1
0
0
(At the time of reset: {PWM,GLSB, PS} = 0H, read address: 8H)
PS
In 4096 color mode, select 16 gradation level from 32 gradation palette. In 256 color mode, just setting lower 8 gradation.
PS= “0”:Lower 8 gradation setting
PS= “1”:Upper 8 gradation setting
GLSB
In 256 color mode, for the segment driver of 4-gradation display, select 4 gradations from 8 gradations using the 2 bits written
to the corresponding RAM area and the 1 bit supplemented by the gradation LSB circuit. Supplement the 1 bit of data by
setting the gradation LSB register (GLSB).
Gradation LSB = “0”: Selects 0 as the LSB information on the RAM for 4-gradation segment driver.
Gradation LSB = “1”: Selects 1 as the LSB information on the RAM for 4-gradation segment driver.
PWM
The PWM register select the gradation display mode.
PWM = “0”: Variable display mode using 16 gradations selected from 32 gradations in 4096 color mode
Variable display mode using 8 gradations selected from 32 gradations in 256 color mode (C256=1)
PWM = “1”: 16-gradation fixed display mode
8.2.16 Data Bus Size Select
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
0
0
1
C256 HSW ABS WLS
0
1
1
0
1
0
0
(At the time of reset: {C256,HSW,ABS,WLS} = 0H, read address: 9H)
※
Mark shows “Don’t care”
The WLS register select data bus size for access from MPU
WLS = “0”: The data bus size is 8-bits width
WLS = “1”: The data bus size is 16-bits width
When MPU access to control register using 16-bits bus size , high byte data is ignored.
ABS
ABS= “0”: normal mode
ABS= “1”: change corresponding bit from input data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com