Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 92 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 92 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 88Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 89Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 90Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 91Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 92Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 93Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 94Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 95Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 96Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
92
9.
Relationship between Setting and Common/Display RAM
The relationship between the COM pin numbers and the addresses in the Y-direction on the display RAM changes according to
the SHIFT command. LCD Duty Set command. Display Starting Common Position Set command, and Display Starting Line
Set command.
When “0” is selected for the display starting line:
The relationship between the COM pin and the addresses in the vertical direction of the display RAM (hereafter called MY)
changes on an 15 dots basis according to the LCD Duty Set command and the Display Starting Common Position Set
command. When the SHIFT bit is “0”, the common position change in the forward direction. When “1” they change reverse
direction. When “0” is selected as the values for LA7 to LA0 in the Display Starting Line Set command, the MY number
corresponding to the display starting position is “0”. The MY numbers are sequentially shifted backward when display occurs.
In any case, the relations of COMA = MY128 and COMB = MY129 do not change.
When non-zero is selected for the display starting line:
The relationship between the COM pins and the addresses in the vertical direction on the display RAM, MY changes on an 15
dots basis according to the information in the LCD Duty Set command and Display Starting Common Position Set command.
The common positions change in the forward when the SHIFT bit is “0”, and change in the reverse direction when the SHIFT
bit is “1”. If non-zero is selected for the values for LA7 to LA0 by the Display Starting Line set command. the MY number
corresponding to the display starting position shifts by the set value. The MY number shifts backward when display occurs. If
it exceeds 128, it returns to 0, and the shifts sequentially. In any case, the relations of COMA = MY129 and COMB = MY129
do not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com