Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 47 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 47 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 43Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 44Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 45Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 46Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 47Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 48Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 49Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 50Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 51Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
47
7.14 Display Timing Circuit
The display timing circuit generates internal signals and timing pulses (LP, FLM, M and CLK) by clock. It can select external
input (CK) or internal oscillation.
By setting up Master/Slave mode (M/S), the state of timing pulse pins and the timing generator changes.
M/S Pin
Mode LP Pin M Pin FLM Pin CLK Pin
State of timing generator
L
Slave
Input Input
Input
Input
LP,FLM,M generation stop
H
Master Output Output Output
Output
Operation state
Display timing pulse pins and Generator State
7.15 Signal Generation to Display Line Counter, and Display Data Latching Circuit
Both the clock to the line counter and clock to display data latching circuit from the display clock (LP) are generated.
Synchronized with the display clock (LP), the line addresses of Display RAM are generated and 384-bits display data are
latched to display data latching circuit to output to the LCD drive circuit (Segment outputs). Read-out of the display data to the
LCD drive circuit is completely independent of MPU. Therefore, MPU that has no relationship the read-out operation of the
display data can access.
7.16 Generation of the Alternated Signal (M) and the Synchronous Signal (FLM)
LCD alternated signal (M) and synchronous signal (FLM) are generated by the display clock (LP). The FLM generates
alternated drive waveform to the LCD drive circuit. Normally, the FLM generates alternated drive waveform every frame
(M-signal level is reversed every one frame). However, by setting up data (n-1) in an n-line reverse register and n-line
alternated control bit (NLIN) at “1”, n-line reverse waveform is generated. When the EM65568 is used in multi chip system,
master chip must provide LP, FLM, and M signals for the slave chip.
7.17 Display Data Latching Circuit
Display data latching Circuit temporally latches display data that is output display data to LCD driver circuit from display
RAM every one common period. Normal display/reverse display, display ON/OFF, and display all on functions are operated
by controlling data in display data latch. Therefore, no data within display RAM changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com