Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 75 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 75 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 71Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 72Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 73Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 74Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 75Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 76Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 77Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 78Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 79Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
75
(d)
The contents of Display RAM data are maintained.
(e)
The operational mode maintains the state of command execution before executing power saving command.
AMPON Command
The internal OP-AMP circuit block (voltage regulator, electronic volume, and voltage conversion circuit) is set ON/OFF by
this command.
AMPON = “0”: The internal OP-AMP circuit OFF
AMPON = ”1”: The internal OP-AMP circuit ON
8.2.9 LCD Duty (DS)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
1
0
0
DS3 DS2 DS1 DS0
0
1
1
0
0
0
0
(At the time of reset: {DS3, DS2, DS1, DS0}=0H, read address: CH)
※
Mark shows “Don’t care”
The DS register set to LCD display duty.
DS3
DS2
DS1
DS0
Display width and Duty
0
0
0
0
8-dot width display in Y-direction, 1/10 duty
0
0
0
1
16-dot width display in Y-direction, 1/18 duty
0
0
1
0
24-dot width display in Y-direction, 1/26 duty
0
0
1
1
32-dot width display in Y-direction, 1/34 duty
0
1
0
0
40-dot width display in Y-direction, 1/42 duty
0
1
0
1
48-dot width display in Y-direction, 1/50 duty
0
1
1
0
56-dot width display in Y-direction, 1/58 duty
0
1
1
1
64-dot width display in Y-direction, 1/66 duty
1
0
0
0
72-dot width display in Y-direction, 1/74 duty
1
0
0
1
80-dot width display in Y-direction, 1/82 duty
1
0
1
0
88-dot width display in Y-direction, 1/90 duty
1
0
1
1
96-dot width display in Y-direction, 1/98 duty
1
1
0
0
104-dot width display in Y-direction, 1/106 duty
1
1
0
1
112-dot width display in Y-direction, 1/114 duty
1
1
1
0
120-dot width display in Y-direction, 1/122duty
1
1
1
1
128-dot width display in Y-direction, 1/130 duty
Partial display can be made possible by setting an arbitrary duty ratio.
8.2.10 Booster Setup (VU)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
1
0
0
※
VU2 VU1 VU0
0
1
1
0
0
0
0
(At the time of reset: {VU2,VU1,VU0}=0H, read address: DH)
※
Mark shows “Don’t care”
The booster steps set to VU register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com