Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 111 Page - Texas Instruments

Back Button AM625 Datasheet HTML 107Page - Texas Instruments AM625 Datasheet HTML 108Page - Texas Instruments AM625 Datasheet HTML 109Page - Texas Instruments AM625 Datasheet HTML 110Page - Texas Instruments AM625 Datasheet HTML 111Page - Texas Instruments AM625 Datasheet HTML 112Page - Texas Instruments AM625 Datasheet HTML 113Page - Texas Instruments AM625 Datasheet HTML 114Page - Texas Instruments AM625 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 235 page
background image
Device
MCU_OSC0_XO
MCU_OSC0_XI
C
L1
Crystal
C
L2
AM65x_MCU_OSC_INT_01
PCB Ground
Figure 7-16. MCU_OSC0 Crystal Implementation
The crystal must be in the fundamental mode of operation and parallel resonant. Table 7-17 summarizes the
required electrical constraints.
Table 7-17. MCU_OSC0 Crystal Circuit Requirements
PARAMETER
MIN
TYP
MAX
UNIT
Fxtal
Crystal Parallel Resonance Frequency
24, 25, 26
MHz
Fxtal
Crystal Frequency Stability and Tolerance
Ethernet RGMII and RMII
not used
±100
ppm
Ethernet RGMII and RMII
using derived clock
±50
CL1+PCBXI
Capacitance of CL1 + CPCBXI
12
24
pF
CL2+PCBXO
Capacitance of CL2 + CPCBXO
12
24
pF
CL
Crystal Load Capacitance
6
12
pF
Cshunt
Crystal Circuit Shunt Capacitance
ESRxtal = 30 Ω
24, 25, 26 MHz
7
pF
ESRxtal = 40 Ω
24, 25, 26 MHz
5
pF
ESRxtal = 50 Ω
24, 25, 26 MHz
5
pF
ESRxtal = 60 Ω
24 MHz
5
pF
ESRxtal = 80 Ω
24 MHz
3
pF
ESRxtal
Crystal Effective Series Resistance
80
Ω
When selecting a crystal, the system design must consider temperature and aging characteristics of the crystal
based on worst case environment and expected life expectancy of the system.
Table 7-18 details the switching characteristics of the oscillator.
Table 7-18. MCU_OSC0 Switching Characteristics - Crystal Mode
PARAMETER
PACKAGE
MIN
TYP
MAX
UNIT
CXI
XI Capacitance
ALW
0.812
pF
AMC
1.635
pF
CXO
XO Capacitance
ALW
0.83
pF
AMC
1.72
pF
CXIXO
XI to XO Mutual Capacitance
ALW
0.0114
pF
AMC
0.267
pF
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
111
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com