Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 113 Page - Texas Instruments

Back Button AM625 Datasheet HTML 109Page - Texas Instruments AM625 Datasheet HTML 110Page - Texas Instruments AM625 Datasheet HTML 111Page - Texas Instruments AM625 Datasheet HTML 112Page - Texas Instruments AM625 Datasheet HTML 113Page - Texas Instruments AM625 Datasheet HTML 114Page - Texas Instruments AM625 Datasheet HTML 115Page - Texas Instruments AM625 Datasheet HTML 116Page - Texas Instruments AM625 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 235 page
background image
determine the value of CL2. For example, if CL = 10 pF, CPCBXI = 2.9 pF, CXI = 0.5 pF, CPCBXO = 3.7 pF, CXO =
0.5 pF, the value of CL1 = [(2CL) - (CPCBXI + CXI)] = [(2 × 10 pF) - 2.9 pF - 0.5 pF)] = 16.6 pF and CL2 = [(2CL) -
(CPCBXO + CXO)] = [(2 × 10 pF) - 3.7 pF - 0.5 pF)] = 15.8 pF
7.10.4.1.1.2 Shunt Capacitance
The crystal circuit must also be designed such that it does not exceed the maximum shunt capacitance for
MCU_OSC0 operating conditions defined in Table 7-17. Shunt capacitance, Cshunt, of the crystal circuit is a
combination of crystal shunt capacitance and parasitic contributions. PCB signal traces which connect crystal
circuit components to MCU_OSC0 have mutual parasitic capacitance to each other, CPCBXIXO, where the PCB
designer should be able to extract mutual parasitic capacitance between these signal traces. The device
package also has mutual parasitic capacitance, CXIXO, where this mutual parasitic capacitance value is defined
in Table 7-18.
PCB routing should be designed to minimize mutual capacitance between XI and XO signal traces. This is
typically done by keeping signal traces short and not routing them in close proximity. Mutual capacitance can
also be minimized by placing a ground trace between these signals when the layout requires them to be routed
in close proximity. It is important to minimize the mutual capacitance on the PCB to provide as much margin as
possible when selecting a crystal.
AM65x_MCU_OSC_SC_06
Device
MCU_OSC0_XO
MCU_OSC0_XI
C
PCBXIXO
PCB
Signal Traces
Crystal Circuit
Components
C
XIXO
C
O
Figure 7-19. Shunt Capacitance
A crystal should be chosen such that the below equation is satisfied. CO in the equation is the maximum shunt
capacitance specified by the crystal manufacturer.
Cshunt ≥ CO + CPCBXIXO + CXIXO
For example, the equation would be satisfied when the crystal being used is 25 MHz with an ESR = 30 Ω,
CPCBXIXO = 0.04 pF, CXIXO = 0.01 pF, and shunt capacitance of the crystal is less than or equal to 6.95 pF.
7.10.4.1.2 MCU_OSC0 LVCMOS Digital Clock Source
Figure 7-20 shows the recommended oscillator connections when MCU_OSC0_XI is connected to a 1.8-V
LVCMOS square-wave digital clock source.
Note
A DC steady-state condition is not allowed on MCU_OSC0_XI when the oscillator is powered up. This
is not allowed because MCU_OSC0_XI is internally AC coupled to a comparator that may enter a
unknown state when DC is applied to the input. Therefore, application software should power down
MCU_OSC0 any time MCU_OSC0_XI is not toggling between logic states.
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
113
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com