Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 178 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 178 Page - Texas Instruments

Back Button AM625 Datasheet HTML 174Page - Texas Instruments AM625 Datasheet HTML 175Page - Texas Instruments AM625 Datasheet HTML 176Page - Texas Instruments AM625 Datasheet HTML 177Page - Texas Instruments AM625 Datasheet HTML 178Page - Texas Instruments AM625 Datasheet HTML 179Page - Texas Instruments AM625 Datasheet HTML 180Page - Texas Instruments AM625 Datasheet HTML 181Page - Texas Instruments AM625 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 235 page
background image
7.10.5.15.2 MMC1/MMC2 - SD/SDIO Interface
MMC1/MMC2 interface is compliant with the SD Host Controller Standard Specification 4.10 and SD Physical
Layer Specification v3.01 as well as SDIO Specification v3.00 and it supports the following SD Card applications:
• Default speed
• High speed
• UHS–I SDR12
• UHS–I SDR25
• UHS–I SDR50
• UHS–I DDR50
• UHS–I SDR104
Table 7-94 presents the required DLL software configuration settings for MMC1/2 timing modes.
Table 7-94. MMC1/MMC2 DLL Delay Mapping for all Timing Modes
REGISTER NAME
MMCSD1_SS_PHY_CTRL_4_REG/
MMCSD2_SS_PHY_CTRL_4_REG
MMCSD1_SS_PHY_CTRL_5_REG/
MMCSD2_SS_PHY_CTRL_5_REG
BIT FIELD
[20]
[15:12]
[8]
[4:0]
[2:0]
BIT FIELD NAME
OTAPDLYENA OTAPDLYSEL ITAPDLYENA
ITAPDLYSEL
CLKBUFSEL
MODE
DESCRIPTION
DELAY
ENABLE
DELAY
VALUE
INPUT
DELAY
ENABLE
INPUT
DELAY
VALUE
DELAY
BUFFER
DURATION
Default
Speed
4-bit PHY operating
3.3 V, 25 MHz
0x1
0x0
0x1
0x0
0x7
High
Speed
4-bit PHY operating
3.3 V, 50 MHz
0x1
0x0
0x1
0x0
0x7
UHS-I
SDR12
4-bit PHY operating
1.8 V, 25 MHz
0x1
0xF
0x1
0x0
0x7
UHS-I
SDR25
4-bit PHY operating
1.8 V, 50 MHz
0x1
0xF
0x1
0x0
0x7
UHS-I
SDR50
4-bit PHY operating
1.8 V, 100 MHz
0x1
0xC
0x1
Tuning(1)
0x7
UHS-I
DR50
4-bit PHY operating
1.8 V, 50 MHz
0x1
0x9
0x1
Tuning(1)
0x7
UHS-I
SDR104
4-bit PHY operating
1.8, V 200 MHz
0x1
0x6
0x1
Tuning(1)
0x7
(1)
Tuning means this mode requires a tuning algorithm to be used for optimal input timing
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
178
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com