Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 182 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 182 Page - Texas Instruments

Back Button AM625 Datasheet HTML 178Page - Texas Instruments AM625 Datasheet HTML 179Page - Texas Instruments AM625 Datasheet HTML 180Page - Texas Instruments AM625 Datasheet HTML 181Page - Texas Instruments AM625 Datasheet HTML 182Page - Texas Instruments AM625 Datasheet HTML 183Page - Texas Instruments AM625 Datasheet HTML 184Page - Texas Instruments AM625 Datasheet HTML 185Page - Texas Instruments AM625 Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 235 page
background image
7.10.5.15.2.3 UHS–I SDR12 Mode
Table 7-100, Figure 7-87, Table 7-101, and Figure 7-88 present timing requirements and switching
characteristics for MMC1/MMC2 – UHS-I SDR12 Mode.
Table 7-100. Timing Requirements for MMC1/MMC2 – UHS-I SDR12 Mode
see Figure 7-87
NO.
MIN
MAX
UNIT
SDR121
tsu(cmdV-clkH)
Setup time, MMCx_CMD valid before MMCx_CLK rising edge
4.2
ns
SDR122
th(clkH-cmdV)
Hold time, MMCx_CMD valid after MMCx_CLK rising edge
0.87
ns
SDR123
tsu(dV-clkH)
Setup time, MMCx_DAT[3:0] valid before MMCx_CLK rising edge
4.2
ns
SDR124
th(clkH-dV)
Hold time, MMCx_DAT[3:0] valid after MMCx_CLK rising edge
0.87
ns
MMC[ ]_CMD
x
MMC
DAT
[ ]_
[3:0]
x
SDR121
SDR122
SDR123
SDR124
MMC[ ]_CLK
x
Figure 7-87. MMC1/MMC2 – UHS-I SDR12 – Receive Mode
Table 7-101. Switching Characteristics for MMC1/MMC2 – UHS-I SDR12 Mode
see Figure 7-88
NO.
PARAMETER
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMCx_CLK
25
MHz
SDR125
tc(clk)
Cycle time, MMCx_CLK
40
ns
SDR126
tw(clkH)
Pulse duration, MMCx_CLK high
18.7
ns
SDR127
tw(clkL)
Pulse duration, MMCx_CLK low
18.7
ns
SDR128
td(clkL-cmdV)
Delay time, MMCx_CLK rising edge to MMCx_CMD transition
1.5
8.6
ns
SDR129
td(clkL-dV)
Delay time, MMCx_CLK rising edge to MMCx_DAT[3:0] transition
1.5
8.6
ns
MMC[ ]_CLK
x
MMC
CMD
[ ]_
x
MMC
DAT
[ ]_
[3:0]
x
SDR125
SDR127
SDR126
SDR128
SDR129
SDR128
SDR129
Figure 7-88. MMC1/MMC2 – UHS-I SDR12 – Transmit Mode
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
182
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com