Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 199 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 199 Page - Texas Instruments

Back Button AM625 Datasheet HTML 195Page - Texas Instruments AM625 Datasheet HTML 196Page - Texas Instruments AM625 Datasheet HTML 197Page - Texas Instruments AM625 Datasheet HTML 198Page - Texas Instruments AM625 Datasheet HTML 199Page - Texas Instruments AM625 Datasheet HTML 200Page - Texas Instruments AM625 Datasheet HTML 201Page - Texas Instruments AM625 Datasheet HTML 202Page - Texas Instruments AM625 Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 235 page
background image
CLOCKOUT
DATAOUT
PRSO1
PRSO2H
PRSO3
PRU_TIMING_06
PRSO2L
Figure 7-110. PRU_ICSSM PRU Shift Out Timing
7.10.5.18.2 PRU_ICSSM Industrial Ethernet Peripheral (IEP)
Table 7-127. PRU_ICSSM IEP Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1
3
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
3
10
pF
7.10.5.18.2.1 PRU_ICSSM IEP Timing
Table 7-128. PRU_ICSSM IEP Switching Characteristics – Digital IOs
see Figure 7-111
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
IEPIO4
tsk(EDIO_DATA_OUT)
EDIO_DATA_OUT skew
5
ns
EDIO_DATA_OUT
PRU_EDIO_DATA_OUT_TIMING_00
IEPIO4
Figure 7-111. PRU_ICSSM IEP Digital IOs Timing Requirements
7.10.5.18.3 PRU_ICSSM Universal Asynchronous Receiver Transmitter (UART)
Table 7-129. PRU_ICSSM UART Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.01
0.33
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1
30
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Mismatch Delay)
Propagation delay mismatch across all traces
100
ps
7.10.5.18.3.1 PRU_ICSSM UART Timing
Table 7-130. PRU_ICSSM UART Timing Requirements
see Figure 7-112
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
4
tw(RXD)
Pulse width, RXD data, high or low
0.95U(1)
1.05U(1)
ns
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
199
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com