Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 196 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 196 Page - Texas Instruments

Back Button AM625 Datasheet HTML 192Page - Texas Instruments AM625 Datasheet HTML 193Page - Texas Instruments AM625 Datasheet HTML 194Page - Texas Instruments AM625 Datasheet HTML 195Page - Texas Instruments AM625 Datasheet HTML 196Page - Texas Instruments AM625 Datasheet HTML 197Page - Texas Instruments AM625 Datasheet HTML 198Page - Texas Instruments AM625 Datasheet HTML 199Page - Texas Instruments AM625 Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 235 page
background image
(3)
N = OSPI_DEV_DELAY_REG[D_AFTER_FLD]
(4)
R = refclk cycle time in ns
(5)
T = OSPI_RD_DATA_CAPTURE_REG[DELAY_FLD]
OSPI_CLK
OSPI_TIMING_01
OSPI_CSn
O6
O3
O2
O1
O5
OSPI_D[i:0]
O6
O4
Figure 7-105. OSPI0 Switching Characteristics – Tap DDR, No Loopback
7.10.5.18 PRU_ICSS
The device has integrated one Programmable Real-Time Unit Subsystem (PRU_ICSS), which includes two
PRU cores. The programmable nature of the PRU cores, along with their access to pins, events and all device
resources, provides flexibility in implementing fast real-time responses, specialized data handling operations,
custom peripheral interfaces, and off-loading of tasks from the other processor cores in the device.
For more details about features and additional description information on the device PRU_ICSS, see the
corresponding sections within Signal Descriptions and Detailed Description.
Note
PRU_ICSS contains a second layer of peripheral signal multiplexing to enable additional functionality
on the PRU GPO and GPI signals. This peripheral multiplexing is described in the PRU_ICSS chapter
in the device TRM
7.10.5.18.1 PRU_ICSSM Programmable Real-Time Unit (PRU)
Note
PRU_ICSSM signals have different functionality depending on the mode of operation. The signal
naming in this section matches the naming used in the PRU Module Interface section in the device
TRM.
Table 7-122. PRU_ICSSM PRU Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1
3
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
30
pF
7.10.5.18.1.1 PRU_ICSSM PRU Direct Output Mode Timing
Table 7-123. PRU_ICSSM PRU Switching Characteristics – Direct Output Mode
see Figure 7-106
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRDO1
tsk(GPO-GPO)
Skew, GPO to GPO
3
ns
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
196
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com