Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 192 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 192 Page - Texas Instruments

Back Button AM625 Datasheet HTML 188Page - Texas Instruments AM625 Datasheet HTML 189Page - Texas Instruments AM625 Datasheet HTML 190Page - Texas Instruments AM625 Datasheet HTML 191Page - Texas Instruments AM625 Datasheet HTML 192Page - Texas Instruments AM625 Datasheet HTML 193Page - Texas Instruments AM625 Datasheet HTML 194Page - Texas Instruments AM625 Datasheet HTML 195Page - Texas Instruments AM625 Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 235 page
background image
Table 7-114. OSPI0 Switching Characteristics – PHY SDR Mode (continued)
see Figure 7-99
NO.
PARAMETER
MODE
MIN
MAX
UNIT
O12
td(CLK-D)
Delay time, OSPI0_CLK active edge to
OSPI0_D[7:0] transition
1.8V
-1.16
1.25
ns
3.3V
-1.33
1.51
ns
(1)
P = CLK cycle time = SCLK period in ns
(2)
M = OSPI_DEV_DELAY_REG[D_INIT_FLD]
(3)
N = OSPI_DEV_DELAY_REG[D_AFTER_FLD]
(4)
R = refclk cycle time in ns
OSPI_CLK
OSPI_TIMING_02
OSPI_CSn
O10
O11
O9
O8
O12
O7
OSPI_D[i:0]
Figure 7-99. OSPI0 Switching Characteristics – PHY SDR
7.10.5.17.1.2.2 OSPI0 PHY DDR Timing
Table 7-115 defines DLL delays required for OSPI0 PHY DDR Mode. Table 7-116, Figure 7-100, Table 7-117,
and Figure 7-101 present timing requirements and switching characteristics for OSPI0 PHY DDR Mode.
Table 7-115. OSPI0 DLL Delay Mapping for PHY DDR Timing Modes
MODE
OSPI_PHY_CONFIGURATION_REG BIT FIELD
DELAY VALUE
Transmit
1.8V
PHY_CONFIG_TX_DLL_DELAY_FLD
0x46
3.3V
PHY_CONFIG_TX_DLL_DELAY_FLD
0x43
Receive
1.8V, DQS
PHY_CONFIG_RX_DLL_DELAY_FLD
0x15
3.3V, DQS
PHY_CONFIG_RX_DLL_DELAY_FLD
0x3A
All other modes
PHY_CONFIG_RX_DLL_DELAY_FLD
0x0
Table 7-116. OSPI0 Timing Requirements – PHY DDR Mode
see Figure 7-100
NO.
MODE
MIN
MAX
UNIT
O15
tsu(D-LBCLK)
Setup time, OSPI0_D[7:0] valid before
active OSPI0_DQS edge
1.8V, DDR with External Board Loopback
0.53
ns
1.8V, DDR with DQS
-0.46
ns
3.3V, DDR with External Board Loopback
1.23
ns
3.3V, DDR with DQS
-0.66
ns
AM625, AM623
SPRSP58 – JUNE 2022
www.ti.com
192
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com