Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 191 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 191 Page - Texas Instruments

Back Button AM625 Datasheet HTML 187Page - Texas Instruments AM625 Datasheet HTML 188Page - Texas Instruments AM625 Datasheet HTML 189Page - Texas Instruments AM625 Datasheet HTML 190Page - Texas Instruments AM625 Datasheet HTML 191Page - Texas Instruments AM625 Datasheet HTML 192Page - Texas Instruments AM625 Datasheet HTML 193Page - Texas Instruments AM625 Datasheet HTML 194Page - Texas Instruments AM625 Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 235 page
background image
Table 7-112. OSPI0 DLL Delay Mapping for PHY SDR Timing Modes
MODE
OSPI_PHY_CONFIGURATION_REG BIT FIELD
DELAY VALUE
Transmit
All modes
PHY_CONFIG_TX_DLL_DELAY_FLD,
0x0
Receive
All modes
PHY_CONFIG_RX_DLL_DELAY_FLD
0x0
Table 7-113. OSPI0 Timing Requirements – PHY SDR Mode
see Figure 7-97 and Figure 7-98
NO.
MODE
MIN
MAX
UNIT
O19
tsu(D-CLK)
Setup time, OSPI0_D[7:0] valid before
active OSPI0_CLK edge
1.8V, SDR with Internal PHY Loopback
-2.19
ns
3.3V, SDR with Internal PHY Loopback
-1.71
ns
O20
th(CLK-D)
Hold time, OSPI0_D[7:0] valid after active
OSPI0_CLK edge
1.8V, SDR with Internal PHY Loopback
7.62
ns
3.3V, SDR with Internal PHY Loopback
8.1
ns
O21
tsu(D-LBCLK)
Setup time, OSPI0_D[7:0] valid before
active OSPI0_DQS edge
1.8V, SDR with External Board Loopback
-3.1
ns
3.3V, SDR with External Board Loopback
-3.47
ns
O22
th(LBCLK-D)
Hold time, OSPI0_D[7:0] valid after active
OSPI0_DQS edge
1.8V, SDR with External Board Loopback
3.31
ns
3.3V, SDR with External Board Loopback
4.33
ns
OSPI_CLK
OSPI_D[i:0]
OSPI_TIMING_05
O 9
1
O20
Figure 7-97. OSPI0 Timing Requirements – PHY SDR with Internal PHY Loopback
OSPI_DQS
OSPI_TIMING_06
O21
O 2
2
OSPI_D[i:0]
Figure 7-98. OSPI0 Timing Requirements – PHY SDR with External Board Loopback
Table 7-114. OSPI0 Switching Characteristics – PHY SDR Mode
see Figure 7-99
NO.
PARAMETER
MODE
MIN
MAX
UNIT
O7
tc(CLK)
Cycle time, OSPI0_CLK
1.8V
7
ns
3.3V
6.03
ns
O8
tw(CLKL)
Pulse duration, OSPI0_CLK low
((0.475P(1)) - 0.3)
ns
O9
tw(CLKH)
Pulse duration, OSPI0_CLK high
((0.475P(1)) - 0.3)
ns
O10
td(CSn-CLK)
Delay time, OSPI0_CSn[3:0] active edge
to OSPI0_CLK rising edge
((0.475P(1)) +
(0.975M(2)R(4)) - 1)
((0.525P(1)) +
(1.025M(2)R(4)) + 1)
ns
O11
td(CLK-CSn)
Delay time, OSPI0_CLK rising edge to
OSPI0_CSn[3:0] inactive edge
((0.475P(1)) +
(0.975N(3)R(4)) - 1)
((0.525P(1)) +
(1.025N(3)R(4)) + 1)
ns
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
191
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com