Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 189 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 189 Page - Texas Instruments

Back Button AM625 Datasheet HTML 185Page - Texas Instruments AM625 Datasheet HTML 186Page - Texas Instruments AM625 Datasheet HTML 187Page - Texas Instruments AM625 Datasheet HTML 188Page - Texas Instruments AM625 Datasheet HTML 189Page - Texas Instruments AM625 Datasheet HTML 190Page - Texas Instruments AM625 Datasheet HTML 191Page - Texas Instruments AM625 Datasheet HTML 192Page - Texas Instruments AM625 Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 235 page
background image
Section 7.10.5.17.1 defines timing requirements and switching characteristics associated with PHY mode and
Section 7.10.5.17.2 defines timing requirements and switching characteristics associated with Tap mode.
Table 7-108 presents timing conditions for OSPI0.
Table 7-108. OSPI0 Timing Conditions
PARAMETER
MODE
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
1
6
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
3
10
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of OSPI0_CLK trace
No Loopback
Internal PHY Loopback
Internal Pad Loopback
450
ps
Propagation delay of OSPI0_LBCLKO
trace
External Board Loopback
2L(1) - 30
2L(1) + 30
ps
Propagation delay of OSPI0_DQS trace
DQS
L(1) - 30
L(1) + 30
ps
td(Trace Mismatch
Delay)
Propagation delay mismatch of
OSPI0_D[7:0] and OSPI0_CSn[3:0]
relative to OSPI0_CLK
All modes
60
ps
(1)
L = Propagation delay of OSPI0_CLK trace
7.10.5.17.1 OSPI0 PHY Mode
7.10.5.17.1.1 OSPI0 With PHY Data Training
Read and write data valid windows will shift due to variation in process, voltage, temperature, and operating
frequency. A data training method may be implemented to dynamically configure optimal read and write timing.
Implementing data training enables proper operation across temperature with a specific process, voltage, and
frequency operating condition, while achieving a higher operating frequency.
Data transmit and receive timing parameters are not defined for the data training use case since they are
dynamically adjusted based on the operating condition.
Table 7-109 defines DLL delays required for OSPI0 with Data Training. Table 7-110, Figure 7-95, Table 7-111,
and Figure 7-96 present timing requirements and switching characteristics for OSPI0 with Data Training.
Table 7-109. OSPI0 DLL Delay Mapping for PHY Data Training
MODE
OSPI_PHY_CONFIGURATION_REG BIT FIELD
DELAY VALUE
Transmit
All modes
PHY_CONFIG_TX_DLL_DELAY_FLD,
(1)
Receive
All modes
PHY_CONFIG_RX_DLL_DELAY_FLD
(2)
(1)
Transmit DLL delay value determined by training software
(2)
Receive DLL delay value determined by training software
Table 7-110. OSPI0 Timing Requirements – PHY Data Training
see Figure 7-95
NO.
MODE
MIN
MAX
UNIT
O15
tsu(D-LBCLK)
Setup time, OSPI0_D[7:0] valid before
active OSPI0_DQS edge
DDR with DQS
(1)
ns
O16
th(LBCLK-D)
Hold time, OSPI0_D[7:0] valid after active
OSPI0_DQS edge
DDR with DQS
(1)
ns
(1)
Minimum setup and hold time requirements for OSPI0_D[7:0] inputs are not defined when Data Training is used to find the optimum
data valid window.
www.ti.com
AM625, AM623
SPRSP58 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
189
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com