Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 31 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 31 Page - Analog Devices

Back Button LT4293 Datasheet HTML 27Page - Analog Devices LT4293 Datasheet HTML 28Page - Analog Devices LT4293 Datasheet HTML 29Page - Analog Devices LT4293 Datasheet HTML 30Page - Analog Devices LT4293 Datasheet HTML 31Page - Analog Devices LT4293 Datasheet HTML 32Page - Analog Devices LT4293 Datasheet HTML 33Page - Analog Devices LT4293 Datasheet HTML 34Page - Analog Devices LT4293 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
LTC9101-2/LTC9102
31
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Code Download
LTC9101-2 firmware is field-upgradable by downloading
and executing firmware images.
Contact Analog Devices for code download procedures
and firmware images.
Firmware images are stored in a dedicated flash partition.
A fully-compliant IEEE 802.3bt firmware image is pre-
configured on the LTC9101-2. The firmware image may
be overwritten by the user.
Two complete copies of the firmware image are main-
tained under separate ECC and CRC protection for maxi-
mum data protection.
Stored Configurations
Custom I2C register map initial values may optionally be
stored in a dedicated flash partition (configuration pack-
age). When shipped from the factory, the LTC9101-2
contains a default configuration package where register
map initial values are as specified in the LTC9101-2NDASI
Software Interface. Register map default configurations
may be stored during manufacturing bring up or field-
updated via configuration package download and will be
auto-loaded at boot.
Contact ADI applications support for assistance in gener-
ating custom configuration packages. Configuration pack-
ages are downloaded using normal code download mech-
anisms. Package headers ensure configuration packages
are identified and stored in the appropriate flash partition.
If a stored configuration is utilized, the state of the
PWRMD[1:0] pins can be overwritten by a configura-
tion package. CFG[1:0] are still required to inform the
LTC9101-2 how many LTC9102s are attached. AD[4:1]
are still required to inform the LTC9101-2 of the base I2C
chip address.
Two identical copies of the configuration image are main-
tained under separate ECC and CRC protection for maxi-
mum data protection.
In 3-bit priority mode, e.g., Multibit Priority is enabled,
each port can be configured to one of eight Multibit Power
Priorities. When the host system wants certain group of pri-
ority ports to be shut down, it will send the matching shut-
down code on the OSS pin. The LTC9101-2 compares the
shutdown code received on OSS with the Multibit Power
Priority of each port and shuts down ports which are less
than or equal to the flagged shutdown code (see Figure 25).
If a port is turned off via OSS, the corresponding Detection
and Classification Enable bits remain enabled, so the port
will begin redetection.
Port Remapping
The LTC9101-2/LTC9102 supports the ability to remap
ports logically. This can be achieved by writing the appro-
priate values into the port remapping register to achieve
the remapping (see Table 16). By default, there is no
remapping.
Table 16. Port Remapping
CODE
REMAPPING
00b
Port 1
01b
Port 2
10b
Port 3
11b
Port 4
Physical port remapping is unlimited; any physical port
can be mapped to any logical port. When the ports are
configured for 4P operation, the 4P mapping is always
logical port 1 and port 2 for one 4P port and logical port
3 and port 4 for the other 4P port. Physical port mapping
can map any two of the physical 2P ports to the logical 4P
port: Logical port 1,2 can map to physical port 1,2; 1,3;
1,4; 2,1; 2,3; 2,4; 3,1; 3,2; 3,4; 4,1; 4,2; or 4,3.
9101-2 F25
IDLE
OSS
GATE
3.3V
0V
IDLE
SC2
SC1
SC0
START BITS
SHUTDOWN CODE
tOSS_OFF
tBIT
tOSS
tr_OSS
tf_OSS
Figure 25. Multi Bit Priority Port Shutdown of Lower-Priority Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com