Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 33 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 33 Page - Analog Devices

Back Button LT4293 Datasheet HTML 29Page - Analog Devices LT4293 Datasheet HTML 30Page - Analog Devices LT4293 Datasheet HTML 31Page - Analog Devices LT4293 Datasheet HTML 32Page - Analog Devices LT4293 Datasheet HTML 33Page - Analog Devices LT4293 Datasheet HTML 34Page - Analog Devices LT4293 Datasheet HTML 35Page - Analog Devices LT4293 Datasheet HTML 36Page - Analog Devices LT4293 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
LTC9101-2/LTC9102
33
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
LTC9102 Low Voltage Power Supplies
The LTC9102 includes internal voltage regulators that
generate low voltage supplies directly from the main PoE
power supply. At startup, an internal regulator generates
6V at PWRIN, drawing power from AGND. Internal 4.3V
and 3.3V rails are sub-regulated from PWRIN. The PWRIN
pin requires a local 1μF, 100V bypass capacitor.
Pull-up resistors can be connected from PWRIN to
AGND to dissipate heat outside the LTC9102 package.
Optionally, an external power supply can be connected
to PWRIN to override the startup regulator and reduce
power dissipation.
Figure 26 shows a pull-up resistor configuration with the
internal 3.3V regulator. Bypass resistors R1, R2, R3, and
R4 draw heat away from the LTC9102s. Note that the
voltage of the PWRIN pin changes based on the LTC9102
operating mode and its corresponding current consump-
tion. If more current is consumed than the bypass resis-
tors provide, the startup regulator maintains the voltage at
6V typical. The LTC9102 can operate without the pull-up
resistors in space-constrained applications.
In applications with an external PWRIN supply, a 6.5V reg-
ulator provides an optimum voltage to override the inter-
nal 6V start-up regulator, while minimizing the LTC9102
device heating. The external supply may be shared across
multiple LTC9102s.
A 3.3V power supply can be connected directly to the
CAP3 pin, as shown in Figure 27. This provides the most
power efficient sleep mode. When supplying external 3.3V
power, tie the EXT3 pin to CAP3. This will disable the
internal 3.3V regulator and prevent power back-feed. The
3.3V regulator must power up within tCAP3EXT specified in
the electrical characteristics table.
If using the direct connection scheme, the 3.3V regu-
lator that supplies the LTC9101-2 can also supply
the LTC9102s. This is the preferred option when the
LTC9101-2 and LTC9102 are on the same side of the
system isolation barrier.
VEE requires a negative voltage of between –51V to –57V
for Type 3 PSEs, or –53V to –57V for Type 4 PSEs, rela-
tive to AGND.
Digital Power Supply
VDD provides digital power for the LTC9101-2 proces-
sor. A ceramic decoupling cap of at least 0.1μF should
be placed from each VDD to DGND, as close as practical
to each LTC9101-2. In addition, each LTC9101-2 must
include a bulk cap of 10µF for robust surge immunity.
A 1.2V core voltage supply is generated internally and
requires a 1µF ceramic decoupling cap between the CAP1
pin and DGND and between CAP2 and DGND.
In systems using ADI’s proprietary isolation, VDD should
be delivered by the host controller’s non-isolated 3.3V
supply. To maintain required isolation, LTC9102 AGND
and LTC9101-2 DGND must not be connected. If using
the direct connection scheme, the LTC9101-2 DGND must
be connected to LTC9102 VEE.
Main PoE Power Supply
VEE is the main isolated PoE supply that provides power
to the PDs. Because it supplies a relatively large amount
of power and is subject to significant current transients,
it requires more design care than a simple logic supply.
For minimum IR loss and best system efficiency, set VEE
near maximum amplitude (57V), leaving enough margin
to account for transient over or undershoot, temperature
drift, and the line regulation specifications of the particular
power supply used.
A bypass capacitor and a transient voltage suppres-
sor (TVS) between each LTC9102 AGND and VEE are very
important for reliable operation. If a short circuit occurs
at one of the output ports it can take as long as 1μs for
the LTC9102 to begin regulating the current. During this
time the current is limited only by the small impedances in
the circuit; a high current spike typically occurs, causing a
voltage transient on the VEE supply and possibly causing
the LTC9101-2/LTC9102 to reset due to a UVLO fault.
A 1μF, 100V X7R capacitor and a SMAJ58A near each
LTC9102 are recommended to minimize spurious resets.
An electrolytic bulk capacitor of at least 47μF, 100V and a
bulk TVS are also recommended per system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com