Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 9 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT4293 Datasheet HTML 5Page - Analog Devices LT4293 Datasheet HTML 6Page - Analog Devices LT4293 Datasheet HTML 7Page - Analog Devices LT4293 Datasheet HTML 8Page - Analog Devices LT4293 Datasheet HTML 9Page - Analog Devices LT4293 Datasheet HTML 10Page - Analog Devices LT4293 Datasheet HTML 11Page - Analog Devices LT4293 Datasheet HTML 12Page - Analog Devices LT4293 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
LTC9101-2/LTC9102
9
Rev. 0
For more information www.analog.com
VEE Readback
VEE Readback vs Temperature
VEE Supply Current vs Voltage and
Temperature
N = 364
µ = 54.998
σ = 0.058
AGND – VEE = 55V
10.01mV/LSB
READBACK (V)
54.7
54.8
54.9
55.0
55.1
55.2
55.3
0
5
10
15
20
25
30
9101-2 G16
AGND – VEE = 55V
10.01mV/LSB
TA (°C)
–40 –20
0
20
40
60
80
100
54.5
54.6
54.7
54.8
54.9
55.0
55.1
55.2
9101-2 G17
ALL PORTS ON
CLASS 8 LIMITS
EXT3 TIED TO VEE
PWRIN FLOATED
85°C
25°C
–40°C
AGND – VEE (V)
30
35
40
45
50
55
60
10
11
12
13
14
15
16
9101-2 G18
TYPICAL PERFORMANCE CHARACTERISTICS
CLOCK and DATA READ
EYE DIAGRAM
CLOCK and DATA WRITE
EYE DIAGRAM
LTC9102 CP/CN and
DP/DN Common Mode
Correction Current
Port Power Readback vs
Temperature
Powering Up into 180μF
Short-Circuit Recovery
(RSENSE = 0.1Ω unless otherwise specified.)
AGND – VEE = 55V
SENSEn – VSSKn = 100mV
POWERn = 55W
TA (°C)
–40 –20
0
20
40
60
80
100
54.5
54.6
54.7
54.8
54.9
55.0
55.1
55.2
55.3
55.4
55.5
9101-2 G19
VEE
FOLDBACK
CURRENT
LIMIT
LOAD FULLY CHARGED
MOSFET ON
5ms/DIV
OUT1A
20V/DIV
GATE1A
10V/DIV
CHANNEL
CURRENT
200mA/DIV
9101-2 G20
SHORT-CIRCUIT
FAULT APPLIED
FAST PULL-DOWN
FAULT
REMOVED
QUICK CURRENT LIMIT RECOVERY
VEE = –55V
LIMn = E9h
50µs/DIV
GATE
10V/DIV
OUT
50V/DIV
OUT
CURRENT
5A/DIV
9101-2 G21
N = 337
CP – CN
DP – DN
10ns/DIV
200mV/
DIV
9101-2 G22
N = 570
CP – CN
DP – DN
10ns/DIV
200mV/
DIV
9101-2 G23
VCM (V)
0
0.5
1
1.5
2
2.5
3
3.5
–4
–3
–2
–1
0
1
2
3
4
9101-2 G24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com