Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 37 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 37 Page - Analog Devices

Back Button LT4293 Datasheet HTML 33Page - Analog Devices LT4293 Datasheet HTML 34Page - Analog Devices LT4293 Datasheet HTML 35Page - Analog Devices LT4293 Datasheet HTML 36Page - Analog Devices LT4293 Datasheet HTML 37Page - Analog Devices LT4293 Datasheet HTML 38Page - Analog Devices LT4293 Datasheet HTML 39Page - Analog Devices LT4293 Datasheet HTML 40Page - Analog Devices LT4293 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
LTC9101-2/LTC9102
37
Rev. 0
For more information www.analog.com
3.3V
49.9
49.9
49.9
0.01µF
49.9
DGND
DND
DPD
CND
INT
SCL
SDAIN
SDAOUT
CPD
LTC9101-2
VDD
VEE
VEE
CAP3
VEE
AGND
CPA
CNA
DPA
DNA
CAP3
VEE
AGND
CPA
CNA
DPA
DNA
CAP3
VEE
AGND
CPA
CNA
DPA
DNA
CAP3
EXT3
EXT3
EXT3
EXT3
VEE
AGND
CPA
CNA
DPA
DNA
VEE
1µF
3.3V
VEE
1µF
3.3V
VEE
1µF
3.3V
VEE
9101-2 F29
1µF
3.3V
49.9
(4 PLACES)
0.01µF
VEE
0.01µF
0.01µF
VEE
VEE
NOTES:
1. MULTIPLE LTC9102 DEVICES ON THE HIGH-SPEED DATA
INTERFACE ARE DAISY CHAINED.
2. THE HIGH-SPEED DATA INTERFACE IS TERMINATED AT BOTH ENDS.
3. THE MAXIMUM LENGTH OF THE HIGH-SPEED DATA INTERFACE IS
16 INCHES.
4. THE HIGH-SPEED DATA INTERFACE DIFFERENTIAL IMPEDANCE IS 100.
LTC9102
LTC9102
LTC9102
LTC9102
Figure 29. LTC9101-2/LTC9102 Direct Connection Scheme
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com