Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 28 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 28 Page - Analog Devices

Back Button LT4293 Datasheet HTML 24Page - Analog Devices LT4293 Datasheet HTML 25Page - Analog Devices LT4293 Datasheet HTML 26Page - Analog Devices LT4293 Datasheet HTML 27Page - Analog Devices LT4293 Datasheet HTML 28Page - Analog Devices LT4293 Datasheet HTML 29Page - Analog Devices LT4293 Datasheet HTML 30Page - Analog Devices LT4293 Datasheet HTML 31Page - Analog Devices LT4293 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
LTC9101-2/LTC9102
28
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
disruption to the PDs during extreme power transients.
Furthermore, PDs that do not meet minimum bulk capaci-
tance requirements are particularly vulnerable to power
brownouts with traditional PSE solutions. The LTC9101-2/
LTC9102 provides an improved hot swap responsiveness
with excellent recovery from surge events.
During a surge event, the LTC9102 GATE pin quickly turns
off the external MOSFET current flow to protect the PSE, the
MOSFET, and downstream circuitry. As the surge dissipates,
the LTC9102 quickly turns the MOSFET back on in a safe,
current limited manner while minimizing power disruption
to the PD. The LTC9102 fast MOSFET turn off and power
recovery better support both IEEE compliant PDs and PDs
with lower bulk capacitance in high reliability applications.
Autoclass
IEEE 802.3bt introduces a new optional feature, Autoclass.
Autoclass enables the PSE to reclaim power budget from
single-signature PDs requesting more power than needed
under worst-case operating conditions. 802.3bt does not
specify Autoclass for dual-signature PDs. The LTC9101-2/
LTC9102 fully supports Autoclass.
Prior versions of the 802.3 PoE standard specify mini-
mum PSE output power for worst-case IR drop across
the Ethernet cable and minimum PSE output voltage.
However, a method for the PSE to reclaim over-allocated
power is not specified. When a shorter Ethernet cable is
used, or when the guaranteed PSE output voltage is above
the specified minimum, the specified minimum PSE out-
put power substantially over-allocates power to the PD.
An example PoE system is shown in two versions.
Figure 22 shows a 100W four port PSE servicing three
25.5W PDs over 100meter cables. Such a system requires
the PSE to allocate 25.5W per PD and a further 4.5W for
each 100m cable’s IR drop.
The total power allocation is:
3 Ports • (4.5W + 25.5W) = 90W
Disconnect
The LTC9101-2/LTC9102 monitors powered channels to
ensure the PD continues to draw the minimum speci-
fied current. The IHOLD-2P threshold, monitored as the
VHOLD-2P threshold across the 0.1Ω sense resistor, is
used to determine if a PD has been disconnected.
The IHOLD-2P (DC Disconnect) threshold is set automati-
cally based on the number of classification events pre-
sented to the PD. See Table 6 and Table 7 for details.
A disconnect timer (tDIS) counts up whenever channel
current is below the IHOLD-2P threshold, indicating that the
PD has been disconnected. If the appropriate tDIS timer(s)
expire, the port or channel (Table 15) will be turned off and
the corresponding disconnect faults are set. If the current
increases above IHOLD-2P before the tDIS timer expires, the
timer(s) reset. As long as the PD exceeds the minimum
current level before tDIS expires, it will remain powered.
Although not recommended, the DC disconnect fea-
ture can be disabled by clearing the corresponding DC
Disconnect Enable bits. Disabling the DC disconnect fea-
ture forces the LTC9101-2/LTC9102 out of compliance
with the IEEE standard. A powered port will stay powered
after the PD is removed; the still-powered port may be
subsequently connected to a non-PoE data device, poten-
tially causing damage.
The LTC9101-2/LTC9102 does not include AC discon-
nect circuitry. AC disconnect is not a supported feature
of 802.3bt.
Table 15. DC Disconnect Effect on Port/Channel State
PD CONFIGURATION
FAULT RESULT:
TURN OFF PORT OR CHANNEL
tDIS
Single
Port*
Dual
Channel
*If tDIS expires on both channels
Fast Surge Recovery
High reliability systems demand excellent surge recovery.
It is increasingly important for a PSE to minimize power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com