Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 30 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT4293 Datasheet HTML 26Page - Analog Devices LT4293 Datasheet HTML 27Page - Analog Devices LT4293 Datasheet HTML 28Page - Analog Devices LT4293 Datasheet HTML 29Page - Analog Devices LT4293 Datasheet HTML 30Page - Analog Devices LT4293 Datasheet HTML 31Page - Analog Devices LT4293 Datasheet HTML 32Page - Analog Devices LT4293 Datasheet HTML 33Page - Analog Devices LT4293 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
LTC9101-2/LTC9102
30
Rev. 0
For more information www.analog.com
Port Current Readback
The LTC9101-2 measures the current at each power chan-
nel with per-channel A/D converters. Channel current is
only valid when the power channel is on and reads zero at
all other times. Samples are taken continuously; a moving
1 second average is updated every 100ms
Port Voltage and VEE Readback
The LTC9101-2/LTC9102 continuously measures the
VEE voltage with a dedicated A/D converter. This global
VEE measurement is fully synchronized to all port current
measurements and can monitor down to the LTC9102
UVLO threshold.
Temperature Readback
In addition to the over temperature fault in the supply
event register, the LTC9101-2 also reports die temperature
of each corresponding LTC9102.
Overtemperature Protection
Overtemperature protection automatically removes
power from affected ports when LTC9102 temperature
exceeds a preset threshold (150°C, typ). Ports are pre-
vented from resuming operation until the die temperature
drops below a preset recovery threshold (125°C, typ).
SeeLTC9101-2NDASI Software Interface guide for details.
Over Supply Shutdown (OSS)
The LTC9101-2 provides a low latency port shedding fea-
ture to quickly reduce the system load when required. By
allowing a preconfigured set of ports to be turned off,
the current on an overloaded main power supply can be
reduced rapidly while keeping high priority devices pow-
ered. An LTC9101-2 can be configured in either a 1-bit or
3-bit shutdown priority based on the Multibit Priority field.
In 1-bit priority mode each port can be configured to high
or low priority. Specifically, if Multibit Priority is disabled,
then Port Power Priority are followed for port priority and
OSS action (i.e. legacy 1-bit priority). On a rising edge
of the OSS HW pin, the low priority ports will be shut
down within 6.5μs. An OSS event shall set OSS event and
Disconnect interrupt.
5. The PSE continues the long class event and does not
measure the class signature current at this time.
6. The PD, if requesting Autoclass, transitions to class
signature 0. If the PD is not requesting Autoclass it
continues presenting its class signature.
7. The PSE measures the Autoclass response of the PD.
If class signature 0 is measured, the PD is requesting
Autoclass. When the measurement is complete the first
class event is ended.
8. The PD continues holding the class signature selected
in step 6 until the end of the first class event.
Following the Autoclass negotiation procedure, PSE and
PD continue Physical Layer classification and power up
as normal. Regardless of Autoclass, the PD is required
to operate below the negotiated power allocation corre-
sponding to PD assigned Class.
Autoclass Measurement Procedure
Autoclass measurements may be requested by the PD
through Physical Layer classification or, following power
on, through LLDP. Although the LTC9101-2/LTC9102 is
compatible with LLDP-based Autoclass requests, it can-
not receive LLDP Autoclass requests directly since it does
not have access to the data path.
If the PSE is commanded to perform an Autoclass mea-
surement following a Physical Layer request, the mea-
surement typically begins tAUTO_PSE1 (1.5s typical) after
port inrush is successfully completed. For LLDP-based
Autoclass requests, the measurement begins immediately.
The Autoclass measurement period is tAUTO_PSE2 –
tAUTO_PSE1 (1.8s typical) using a sliding window of tAUTO_
WINDOW (0.23s typical). During the Autoclass measure-
ment period, the PSE continuously monitors IPORT and
VEE, calculating maximum average power. Following the
Autoclass measurement period, the Autoclass measure-
ments are reported in the Port Parametric registers.
See the LTC9101-2NDASI Software Programming docu-
mentation for details on enabling Autoclass, the status of
the Autoclass negotiation, reading Autoclass measure-
ment results and dynamically requesting an Autoclass
measurement.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com