Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 11 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT4293 Datasheet HTML 7Page - Analog Devices LT4293 Datasheet HTML 8Page - Analog Devices LT4293 Datasheet HTML 9Page - Analog Devices LT4293 Datasheet HTML 10Page - Analog Devices LT4293 Datasheet HTML 11Page - Analog Devices LT4293 Datasheet HTML 12Page - Analog Devices LT4293 Datasheet HTML 13Page - Analog Devices LT4293 Datasheet HTML 14Page - Analog Devices LT4293 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
LTC9101-2/LTC9102
11
Rev. 0
For more information www.analog.com
TEST TIMING DIAGRAMS
Figure 2. Current Limit Timings
Figure 3. DC Disconnect Timing, Dual-Signature Channel
Figure 4. One-Bit Shutdown Priority Timing
Figure 5. I2C Interface Timing
VLIM-2P
0V
VSENSEn TO VSSKn
INT
9101-2 F02
tSTART, tLIM
VHOLD-2P
VSENSEn
TO VSSKn
INT
tDIS
tMPS
9101-2 F03
VGATEn
VEE
OSS
tOSS-OFF
80%
9101-2 F04
SCL
SDA
t1
t2
t3
tr
tf
t5
t6
t7
t8
t4
9101-2 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com