Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 7 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT4293 Datasheet HTML 3Page - Analog Devices LT4293 Datasheet HTML 4Page - Analog Devices LT4293 Datasheet HTML 5Page - Analog Devices LT4293 Datasheet HTML 6Page - Analog Devices LT4293 Datasheet HTML 7Page - Analog Devices LT4293 Datasheet HTML 8Page - Analog Devices LT4293 Datasheet HTML 9Page - Analog Devices LT4293 Datasheet HTML 10Page - Analog Devices LT4293 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
LTC9101-2/LTC9102
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
802.3bt Single-Signature Class
Probe and Demotion
802.3bt Dual-Signature
Power-On Sequence
Open Circuit Detection
Inrush Current Limit (Note 16)
Power-On Current Limits
Single-Signature
802.3bt Single-Signature
Power-On Sequence, 4-Pair
802.3bt Single-Signature
Classification and Power-On, 4-Pair
Single-Signature
Power-On Sequence, Type 1 Mode
(RSENSE = 0.1Ω unless otherwise specified.)
DETECTION/
CONNECTION
CHECK
CLASSIFICATION
POWER
ON
VEE
OUT1A
OUT1B
200ms/DIV
–60
–50
–40
–30
–20
–10
0
9101-2 G01
CLASSIFICATION
POWER
ON
VEE
CLASS8
OUT1A
OUT1B
50ms/DIV
–60
–50
–40
–30
–20
–10
0
9101-2 G02
VEE
100ms/DIV
–60
–50
–40
–30
–20
–10
0
9101-2 G03A
CLASSIFICATION
POWER
ON
DETECTION
CLASSIFICATION
POWER
ON
VEE
CLASS5
DETECTION/
CONNECTION
CHECK
OUT1A
OUT1B
200ms/DIV
–60
–50
–40
–30
–20
–10
0
9101-2 G04
CLASS3
POWER
ON
VEE
CLASS8
PROBE
CLASS 8
CLASS
RESET
DEMOTION
OUT1A
OUT1B
50ms/DIV
–60
–50
–40
–30
–20
–10
0
9101-2 G05
AGND
AGND
BACKOFF
50ms/DIV
OUT1A
5V/DIV
OUT1B
5V/DIV
9101-2 G06
LIMn = 80h
LIMn = 08h
OUTn – VEE (V)
0
11
22
33
44
55
0
20
40
60
80
100
120
0
200
400
600
800
1000
1200
9101-2 G07
AGND – VEE = 55V
CLASS 1–3
CLASS 4–6
CLASS 7
CLASS 8
OUTn – VEE (V)
0
11
22
33
44
55
0
20
40
60
80
100
120
0
200
400
600
800
1000
1200
9101-2 G08
AGND – VEE = 55V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com