Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 26 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 26 Page - Analog Devices

Back Button LT4293 Datasheet HTML 22Page - Analog Devices LT4293 Datasheet HTML 23Page - Analog Devices LT4293 Datasheet HTML 24Page - Analog Devices LT4293 Datasheet HTML 25Page - Analog Devices LT4293 Datasheet HTML 26Page - Analog Devices LT4293 Datasheet HTML 27Page - Analog Devices LT4293 Datasheet HTML 28Page - Analog Devices LT4293 Datasheet HTML 29Page - Analog Devices LT4293 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
LTC9101-2/LTC9102
26
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The LTC9101-2/LTC9102 connects the VEE power sup-
ply to the PSE port in a controlled manner, meeting the
power demands of the PD while minimizing power dis-
sipation in the external MOSFET and disturbances to the
VEE backplane.
Inrush Control
When commanded to apply power to a port, the
LTC9101-2/LTC9102 ramps up the GATE pin of one or
both channels (as commanded), raising the external
MOSFET gate voltage in a controlled manner.
During a typical inrush, the MOSFET gate voltage will rise
until the external MOSFET is fully enhanced or the channel
reaches the inrush current limit (IINRUSH-2P). IINRUSH-2P is
set automatically by the PSE. When the PSE is applying
4-pair power to a single-signature PD assigned Class 0
to Class 4, IINRUSH-2P is 212.5mA (typical) per channel.
Otherwise, IINRUSH-2P is 425mA (typical) per channel.
The GATE pin will be servoed if channel current exceeds
IINRUSH-2P, actively limiting current to IINRUSH-2P. When
the GATE pin is not being servoed, the final VGS is 12V
(typical).
During inrush, each powered channel runs a timer (tSTART).
Each powered channel stays in inrush until tSTART expires.
When tSTART expires, the PSE inspects channel voltage
and current. When the PSE is applying power to a PD,
inrush is successful if the channel(s) are drawing current
below IINRUSH-2P, as appropriate per the PD configuration
and Class.
If inrush is not successful, power is removed and the
corresponding start faults are set. Otherwise, the port
or channel, as appropriate, advances to power on and
the programmed current limiting thresholds are used as
described in the Current Limit section.
Port Power Policing
The power policing threshold (4P Police) is monitored
on a per-port basis, up to 128W in 0.5W increments
(typical). When the total output power over a one second
moving average exceeds the specified threshold, power
is removed from the port and the corresponding PCUT
faults are set.
Auto Mode Maximum PSE Power
In auto mode the LTC9101-2/LTC9102 automatically
detects, classifies and powers all connected valid PDs.
In order to do this, each port must be configured for its
maximum power allocation. Select the resistor RPWRMD
from Table 11 that reflects the system’s per-port maxi-
mum power delivery capability.
Connect the PWRMD0 pin of the LTC9102 at ID address
00b to VEE through RPWRMD. The PWRMD0 pin of the
LTC9102 at ID address 01b, 10b, and 11b must be left
floating. The PWRMD1 pin of each LTC9102 must be left
floating. The PWRMD0 resistor is measured at reset.
The maximum power allocation is a reflection of the power
supply and power path capability. The PWRMD0 resistor
setting is applied to every port in this chipset, across all
quads and ICs. Accordingly, the PWRMD0 resistor must
be set with consideration for each port’s power path capa-
bility and for the system’s power supply capability.
Table 11. PWRMD0 Pin RPWRMD0 Configuration
MODE
RPWRMD
(kΩ)
PORT
MODE
0x12
DETECT/
CLASS
ENABLE
0x14
2P/4P
CONFIG
0x29
Disabled
Open
0000,0000b 0000,0000b 1000,1000b
Class 4 to 4P
14.3
1111,1111b 1111,1111b 1011,1011b
Class 5
11.0
1111,1111b 1111,1111b 1100,1100b
Class 6
8.45
1111,1111b 1111,1111b 1101,1101b
Class 7
6.49
1111,1111b 1111,1111b 1110,1110b
Class 8
1
1111,1111b 1111,1111b 1111,1111b
POWER CONTROL
The primary function of the LTC9101-2/LTC9102 is to con-
trol power delivery to the PSE port. With the LTC9101-2/
LTC9102, a PSE port is composed of either one or two
power channels; each power channel controls power
delivery over a pairset. Within this section, operation of
4-pair configured ports is defined per channel.
The LTC9101-2/LTC9102 delivers power by controlling
the gate drive voltage of an external power MOSFET while
monitoring the current (through an external sense resis-
tor) and the output voltage (across the OUT pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com