Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 25 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 25 Page - Analog Devices

Back Button LT4293 Datasheet HTML 21Page - Analog Devices LT4293 Datasheet HTML 22Page - Analog Devices LT4293 Datasheet HTML 23Page - Analog Devices LT4293 Datasheet HTML 24Page - Analog Devices LT4293 Datasheet HTML 25Page - Analog Devices LT4293 Datasheet HTML 26Page - Analog Devices LT4293 Datasheet HTML 27Page - Analog Devices LT4293 Datasheet HTML 28Page - Analog Devices LT4293 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
LTC9101-2/LTC9102
25
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Class Reset
An issue arises when a Class 4 or Class 5 dual-signature
PD is connected. In order to determine PD Type, three
class events are issued. Based on the class event count,
the PD has been allocated 25.5W. If the PSE desires to
both determine PD Type (3 events) and demote to 13W
(1 event), a class reset event must be issued as shown
in Figure 21.
Figure 21.
9101-2 F21
VCLASSMIN
VMARKMAX
VRESET
DETECT
1ST
CLASS
1ST
MARK
1ST
MARK
2ND
MARK
2ND
CLASS
3RD
CLASS
1ST
CLASS
POWER ON
CLASS
RESET
Class Reset Event Between Class Sequences
A class reset event is issued by maintaining the channel
voltage below 2.8V for at least tCLASS_RESET. The subse-
quent single event classification is used to demote the
PD to 13W.
In auto mode, the 4PID information is used to automati-
cally determine the number of powered channels.
LLDP signaling may, at some time later, determine the
pre-bt PD is actually four pair capable and the LTC9101-2/
LTC9102 may be instructed to deliver 4-pair power.
Invalid Multi-Event Classification Combinations
The 802.3bt specification defines a set of valid class sig-
nature combinations. All PDs return the same classifica-
tion signature on the first two class events. Type 3 and 4
PDs modify the classification signature on all subsequent
class events. For example, a single-signature Class 5 PD
will respond to the class events 1, 2, 3, and 4 with a class
signature of 4, 4, 0, and 0, respectively.
Any individual class signature that exceeds the class cur-
rent limit is flagged as an invalid classification result. Any
sequence of class signatures that does not represent a
legal sequence based on PD configuration will likewise
be flagged as an invalid classification result.
Type 4 PSEs present five classification events (see
Figure 20) to Class 7 and 8 SS PDs if sufficient power is
available. Class 7 and 8 PDs present class signature 4 on
the first two events. Class 7 and 8 SS PDs present class
signature 2 or 3, respectively, on the subsequent events.
802.3bt Classification of Dual-Signature PDs
Classification and power allocations to each pairset of a
dual-signature (DS) PD are fully independent. For exam-
ple, a DS PD may request Class 1 (3.84W) on one pairset
and a Class 4 (25.5W) on the second pairset for a total
PD requested power of 29.3W. As such, all classification
is performed to the pairset entity as opposed to the PD.
The terms should be considered interchangeable for the
remainder of this section.
Type 3 and Type 4 PSEs issue three classification events
(see Figure 18) to all Class 1 through 4 DS PDs.
Power limited Type 3 and Type 4 PSEs may issue a class
reset to Class 4 and 5 DS PDs in order to demote those
PDs to 13W (see Understanding 4PID section).
Power limited Type 3 and Type 4 PSEs may issue only
three events to Class 5 DS PDs in order to demote those
PDs to 25.5W.
Type 4 PSEs present four classification events (see
Figure 19) to Class 5 DS PDs if sufficient power is avail-
able. Class 5 DS PDs present class signature 4 on the first
two events and class signature 3 on subsequent events.
Understanding 4PID
4-pair identification (4PID) refers to a set of conditions for
determining whether a PD is capable of receiving power
over both pairsets simultaneously.
The PSE may apply 4-pair power if the PD presents a valid
detection signature on both pairsets and one or more of
the following conditions are met:
• The PD is single-signature configuration.
• The PD is Type 3 or Type 4.
• The PD presents a valid detection signature on an
unpowered pairset when power is applied over the
other pairset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com