Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 15 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT4293 Datasheet HTML 11Page - Analog Devices LT4293 Datasheet HTML 12Page - Analog Devices LT4293 Datasheet HTML 13Page - Analog Devices LT4293 Datasheet HTML 14Page - Analog Devices LT4293 Datasheet HTML 15Page - Analog Devices LT4293 Datasheet HTML 16Page - Analog Devices LT4293 Datasheet HTML 17Page - Analog Devices LT4293 Datasheet HTML 18Page - Analog Devices LT4293 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
LTC9101-2/LTC9102
15
Rev. 0
For more information www.analog.com
OVERVIEW
Power over Ethernet, or PoE, is a standard protocol for
sending DC power over copper Ethernet data wiring.
The IEEE group that administers the 802.3 Ethernet data
standards added PoE powering capability in 2003. This
original PoE standard, known as 802.3af, allowed for 48V
DC power at up to 13W. 802.3af was widely popular, but
13W was not adequate for some applications. In 2009,
the IEEE released a new standard, known as 802.3at or
PoE+, increasing the voltage and current requirements
to provide 25.5W of delivered power. IEEE 802.3af and
802.3at are commonly known as PoE 1. In 2018, the IEEE
released the latest PoE standard, known as 802.3bt or
PoE 2. 802.3bt maximizes PD delivered power at 71.3W.
The IEEE standard also defines PoE terminology. A device
that provides power to the network is known as a PSE,
or power sourcing equipment, while a device that draws
power from the network is known as a PD, or powered
device. PSEs come in two types: endpoints (typically net-
work switches or routers), which provide data and power;
and midspans, which provide power but pass through
data. Midspans are typically used to add PoE capabil-
ity to existing non-PoE networks. PDs are typically IP
phones, wireless access points, security cameras, and
similar devices.
PoE++ Evolution
Even during the development of the IEEE 802.3at (PoE 1)
25.5W standard, it became clear there was a significant
and increasing need for more than 25.5W of delivered
power. In 2013, the 802.3bt task force was formed to
develop a standard capable of increasing delivered
PD power.
The primary objective of the task force is to use all four
pairs of the Ethernet cable as opposed to the two pair
power utilized by 802.3at. Using all four pairs allows for
at least twice the delivered power over existing Ethernet
cables. Further, the amount of current per two pairs
(known as a pairset) has been increased while maintain-
ing the Ethernet data signal integrity. 802.3bt increases
PD delivered power from 25.5W to 71.3W, enabling IEEE-
compliant high power PD applications.
APPLICATIONS INFORMATION
The LTC9101-2/LTC9102 delivers power over one or two
power channels. Each pairset is driven by a dedicated
power channel. In this data sheet, the term “channel”
refers to the PSE circuitry assigned to a corresponding
pairset. For the purposes of this document, the terms
channel and pairset may be considered interchangeable.
In addition, IEEE 802.3bt enables substantially lower
Maintain Power Signature (MPS) currents, resulting in
significantly lower standby power consumption. This
allows new and emerging government or industry standby
regulations to be met using standard PoE components.
LTC9101-2/LTC9102 Product Overview
The LTC9101-2/LTC9102 is a sixth generation PSE con-
troller that implements up to 24 (71.3W) 4-pair PSE ports
in either an endpoint or midspan application. Virtually all
necessary circuitry is included to implement an IEEE
802.3bt compliant PSE design, requiring a pair of exter-
nal power MOSFETs and sense resistors per port; these
minimize power loss compared to alternative designs with
onboard MOSFETs, and increase system reliability.
The LTC9101-2/LTC9102 chipset implements an optional
proprietary isolation scheme for inter-chip communica-
tion. This architecture substantially reduces BOM cost
by replacing expensive opto-isolators and isolated
power supplies with a single low-cost transformer. A
single LTC9101-2 is capable of controlling a bus of up
to 4 LTC9102s over this transformer-isolated interface.
Direct connection of the LTC9101-2 and the associated
LTC9102s is also possible.
The LTC9101-2/LTC9102 offers a configurable interrupt
signal triggered by per-port events, per-channel power
on control and fault telemetry, per-port current monitor-
ing, VEE monitoring, and one second rolling current, and
voltage averaging.
The LTC9101-2/LTC9102 also offers advanced sixth-gen-
eration PSE features including internal eFlash for storage
of firmware updates and custom user configuration pack-
ages, 802.3bt-compliant mode, I2C quad virtualization for full
backwards-compatibility with quad-based IC drivers, ultralow
100mΩ sense resistors, +80V/–20V tolerant port-facing pins,
and improvements to cable surge ride through.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com