Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 19 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT4293 Datasheet HTML 15Page - Analog Devices LT4293 Datasheet HTML 16Page - Analog Devices LT4293 Datasheet HTML 17Page - Analog Devices LT4293 Datasheet HTML 18Page - Analog Devices LT4293 Datasheet HTML 19Page - Analog Devices LT4293 Datasheet HTML 20Page - Analog Devices LT4293 Datasheet HTML 21Page - Analog Devices LT4293 Datasheet HTML 22Page - Analog Devices LT4293 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
LTC9101-2/LTC9102
19
Rev. 0
For more information www.analog.com
DEVICE CONFIGURATION
An LTC9101-2 can control between one and four LTC9102.
Each LTC9102 controls 12 power channels. Thus, each
LTC9101-2 can control up to 48 power channels.
As described later in Bus Addressing, each group of four
channels occupies a single I2C address.
Table 4. Device Configuration Options
CFG
[1:0]
NUMBER
OF PORTS
4P
NUM
9102s
I2C
ADDRs
I2C ADDRESS OFFSET OCCUPIED
0 1 2 3 4 5 6 7 8 9 10 11
0 00
6
1
3
1 01
12
2
6
✓ ✓ ✓ ✓ ✓ ✓
2 10
18
3
9
✓ ✓ ✓ ✓ ✓ ✓ ✓ ✓ ✓
3 11
24
4
12
✓ ✓ ✓ ✓ ✓ ✓ ✓ ✓ ✓ ✓ ✓ ✓
OPERATING MODES
The LTC9101-2/LTC9102 controls up to 48 indepen-
dent channels, each of which can operate in one of three
modes: manual, semi-auto, or auto. A fourth mode, shut-
down, disables the port (see Table 5).
As described previously, groups of two channels operate
as a 4-pair port. However independent channel controls
do exist. For the remainder of this section the port refers
to both the port and its underlying channels.
Table 5. Operating Modes
MODE
AUTO
MODE
PORT
MODE
DETECT/
CLASS
POWER-UP
AUTOMATIC
THRESHOLD
ASSIGNMENT
Auto
1
11b
Enabled
at Reset Automatically
Yes
0
11b
Host
Enabled Automatically
Yes
Semi-Auto
0
10b
Host
Enabled
Upon
Request
Yes
Manual
0
01b
Once
Upon
Request
Upon
Request
Yes
Shutdown
0
00b
Disabled
Disabled
No
In manual mode, the port waits for instructions from the
host system before taking any action. It runs a single
detection, or detection and classification cycle when
commanded to by the host, and reports the result in its
Port Status register. The host system can command the
port to apply or remove power at any time.
In semi-auto mode, the port repeatedly attempts to detect
and classify any PD attached to it. It reports the status of
these attempts back to the host, and waits for a command
from the host before applying power to the port. The host
must enable detection and classification.
Auto mode operates the same as semi-auto mode except
it will automatically apply power to the port if detection
and classification are successful. Auto mode will autono-
mously set the 2P Police, 4P Police and 4P ILIM values
based on the Class result. This operational mode may
be entered by tying the PWRMD0 pin to VEE through a
resistor as listed in Table 11, or by changing the oper-
ating mode register to Auto mode. See the Auto Mode
Maximum PSE Power section.
In shutdown mode the port is disabled and will not detect
or power a PD.
Regardless of which mode it is in, the LTC9101-2/
LTC9102 will remove power automatically from any port
or channel, as appropriate, that generates a fault. It will
also automatically remove power from any port/channel
that generates a disconnect event if disconnect detection
is enabled. The host controller may also command the
port to remove power at any time.
Reset and the PWRMD
The initial LTC9101-2/LTC9102 configuration depends
on the state of PWRMD0 during reset. Reset occurs at
power-up, whenever RESET is pulled low, or when the
global Reset All bit is set. Changing the state of PWRMD0
after power-up will not change the port behavior of the
LTC9101-2/LTC9102 until a reset occurs. The PWRMD1
pin is reserved for future use.
With auto mode enabled via RPWRMD, each port will
detect and classify repeatedly until a PD is discovered,
set 2P Police, 4P Police, and DC Disconnect according
to the PSE assigned Class, apply power to valid PDs, and
remove power when a PD is disconnected.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com