Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 34 Page - Analog Devices

Part # LT4293
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 34 Page - Analog Devices

Back Button LT4293 Datasheet HTML 30Page - Analog Devices LT4293 Datasheet HTML 31Page - Analog Devices LT4293 Datasheet HTML 32Page - Analog Devices LT4293 Datasheet HTML 33Page - Analog Devices LT4293 Datasheet HTML 34Page - Analog Devices LT4293 Datasheet HTML 35Page - Analog Devices LT4293 Datasheet HTML 36Page - Analog Devices LT4293 Datasheet HTML 37Page - Analog Devices LT4293 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
LTC9101-2/LTC9102
34
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
9101-2 F26
C1
1µF
100V
1µF
100V
1µF
100V
1µF
R1
10k
1/2W
R3
10k
1/2W
1µF
47µF
100V
R2
10k
1/2W
R4
10k
1/2W
+
1µF
VEE
VEE
AGND
CAP3
EXT3
LTC9102
VEE
VEE
VEE
VEE
VEE
AGND
CAP3
EXT3
CAP4
PWRIN
LTC9102
C1
1µF
100V
1µF
CAP4
PWRIN
Figure 26. Power Supply Configuration with Internal 3.3V Supply
9101-2 F27
1µF
C1
1µF
100V
C2
1µF
100V
R1
10k
1/2W
R2
10k
1/2W
1µF
1µF
100V
1µF
100V
1µF
47µF
100V
+
1µF
VEE
VEE
3.3V
VEE
VEE
AGND
CAP3
EXT3
PWRIN
CAP4
LTC9102
VEE
3.3V
AGND
CAP3
EXT3
PWRIN
CAP4
LTC9102
3.3V
REGULATOR
Figure 27. Power Supply Configuration with External 3.3V Regulators
High-Speed Data Isolation
The LTC9101-2/LTC9102 chipset can either provide pro-
prietary isolation or rely on existing system isolation.
Significant BOM cost reductions can be achieved using
the proprietary isolation scheme.
In the proprietary isolation scheme, the LTC9101-2/
LTC9102 chipset uses transformers to isolate the
LTC9101-2 from one to four LTC9102s (see Figure 28).
In this case, the SDAIN and SDAOUT pins can be shorted
to each other and tied directly to the I2C/SMBus bus. The
transformers should be 10Base-T or 10/100Base-T with
a 1:1 turns ratio. Optimally, the selected transformers do
not have common-mode chokes. These transformers typ-
ically provide 1500V of isolation between the LTC9101-2
and the LTC9102s. For proper operation, strict layout
guidelines must be met.
In the direct connection scheme, the LTC9101-2/LTC9102
chipset relies on pre-existing system isolation. In this
scheme, the LTC9101-2 connects directly to one or more
LTC9102s using a proprietary communication protocol
(see Figure 29).
External MOSFET
Careful selection of the power MOSFET is critical to sys-
tem reliability. Choosing a MOSFET requires extensive
analysis and testing of the MOSFET SOA curve against the
various PSE current limit conditions. ADI recommends
the PSMN075-100MSE for PSEs configured to deliver
up to 51W maximum port power (single-signature) or
25.5W maximum pairset power (dual-signature). For
PSEs configured to power up to 71.3W maximum port
power (single-signature) or 35.6W maximum pairset
power (dual-signature), ADI recommends the PSMN040-
100MSE. These MOSFETs are selected for their proven
reliability in PoE applications. Contact ADI Applications
before using a MOSFET other than one of these recom-
mended parts.
Sense Resistors
The LTC9101-2/LTC9102 is designed for a low 0.1Ω cur-
rent sense resistance per channel, laid out as shown in
the Layout Requirements section, Figure 31. In order to
meet the IHOLD-2P, and ILIM-2P accuracy required by the
IEEE specification, the sense resistors should have ±1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com