Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 106 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 106 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 102Page - Microchip Technology MEC1632 Datasheet HTML 103Page - Microchip Technology MEC1632 Datasheet HTML 104Page - Microchip Technology MEC1632 Datasheet HTML 105Page - Microchip Technology MEC1632 Datasheet HTML 106Page - Microchip Technology MEC1632 Datasheet HTML 107Page - Microchip Technology MEC1632 Datasheet HTML 108Page - Microchip Technology MEC1632 Datasheet HTML 109Page - Microchip Technology MEC1632 Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 636 page
background image
MEC1632
DS00001592B-page 106
 2012-2018 Microchip Technology Inc.
When firmware de-asserts the internal block enable bit the block is disabled and in a minimum power consumption
state. Depending on the implementation, the host may need to ensure that the block is not in use before the internal
enable bit is de-asserted because it may also function as a reset. Transitions to a minimum block power consumption
state while the internal enable bit remains asserted may be requested by the Power Management Interface using an
external sleep enable input (see also Section 7.4.8.3, "Behavior," on page 107). In both cases (i.e., when the block is
disabled or sleeping), the core clock required status indicator output (BLK_CLK_REQ in Figure 7-10) is de-asserted.
When firmware asserts the internal block enable and the external sleep enable input is not asserted, or the external
sleep enable input is asserted but the internal idle indicator is not asserted, the block is operational and in a maximum
power consumption state. In both of these cases, the core clock required status indicator output is asserted.
Note 7-14
the “Block Clock Required Status Output” (BLK_CLK_REQ in Figure 7-10) only reflects the core clock
requirement; i.e. independent of the host interface clock enable (EC_HOST_BUS_CLK_EN in
Figure 7-10). The MEC1632 Generic Block Clocking Model assumes that the block may not remain
operational without the host interface clock enable which will not be stopped unless the 20 MHz
Oscillator is disabled (see Section 7.4.10, "Power Management Interface," on page 111). The “Clock
Required Status” for each block can be seen in the Clock Required Status Registers.
Note 7-15
the internal enable bit (not shown in Figure 7-10) is accessible through the EC Host Interface shown
in Figure 7-10 and provides a reset to each block. Typically, as soon as the internal enable bit is
de-asserted, the block may be immediately reset and held in the lowest power consumption state.
Note 7-16
The external sleep enables are configured using the Block Sleep Enables as described in "Block
Sleep Enables," on page 117.
TABLE 7-11:
Generic Block Clocking Model COMPONENTS
Internal
Enable Bit
(
Note 7-15)
External
SLEEP_EN
Input
(
Note 7-16)
Block Idle
Status
Core Clock
Required
Status Output
(
Note 7-14)
State
Power
Description
0
X
X
0
DISABLED
MINIMUM
Block is disabled by firm-
ware and the core clock is
not needed and gated ‘off’
internally. Note: it may
be up to the host to
ensure that the block is
not in use before the inter-
nal enable bit is de-
asserted because the
internal enable may also
function as a reset when
not asserted.
1
0
NOT IDLE
1
FULL POWER MAXIMUM The full power state iden-
tifies the block normal
operation mode where the
block is neither disabled
by firmware nor com-
manded to sleep by the
Power Management Inter-
face.
IDLE
1
NOT IDLE
PREPARING
TO SLEEP
A sleep command has
been asserted but the
core clock is still required
because the block is not
idle.
IDLE
0
SLEEPING
MINIMUM
A sleep command has
been asserted, the block
is idle and the core clocks
are stopped (Note 7-17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com