Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 110 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 110 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 106Page - Microchip Technology MEC1632 Datasheet HTML 107Page - Microchip Technology MEC1632 Datasheet HTML 108Page - Microchip Technology MEC1632 Datasheet HTML 109Page - Microchip Technology MEC1632 Datasheet HTML 110Page - Microchip Technology MEC1632 Datasheet HTML 111Page - Microchip Technology MEC1632 Datasheet HTML 112Page - Microchip Technology MEC1632 Datasheet HTML 113Page - Microchip Technology MEC1632 Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 636 page
background image
MEC1632
DS00001592B-page 110
 2012-2018 Microchip Technology Inc.
Note 7-18
EC Clock Tree 0 remains ‘on’ whenever the ARC 625D Embedded Controller clock is running. None
of the blocks allocated to EC Clock Tree 0 have “Clock Required” Power Management Interface
outputs. EC Clock Tree 0 remains ‘off’ whenever the ARC 625D Embedded Controller is sleeping.
7.4.9.4
Control Bit Encoding
Power,
Clocks, and
Resets Reg-
ister Bank
Week Alarm
Interface
Analog to
Digital Con-
verter
16-Bit Timer
Interface
Timer 3
16-Bit Timer
Interface
Timer 1 - 2
RC Identifi-
cation
Detection
(RC_ID)
Host Inter-
face (LPC)
Two Pin
Serial Port
(UART)
Hibernation
Timer 0/1
Register
Bank
VBAT-Pow-
ered Control
Interface
PECI Inter-
face
JTAG and
Boundary
Scan
DMA Con-
troller
PS/2 Device
Interface1
ACPI
Embedded
Controller
Interface
(ACPI-ECI) 0
- 1
Embedded
Memory
Interface
16-Bit Timer
Interface
Timer 0
–
Keyboard
Matrix Scan
Support
Trace FIFO
Debug Port
(TFDP)
––
8042 Emu-
lated Key-
board
Controller
RTC With
Date and
DST Adjust-
ment
EC Interrupt
Aggregator
–
PS/2 Device
Interface 0
PWM Con-
troller
5 - 15
––
ACPI PM1
Block Inter-
face
Host Gen-
eral Pur-
pose Serial
Peripheral
Interface
(GP-SPI)
Flash Mem-
ory
–EC General
Purpose
Serial
Peripheral
Interface
(GP-SPI)
TACH Moni-
tor
2 - 5
––
Port 80 BIOS
Debug Port
0 and 1
–
EEPROM
–
–
Input Cap-
ture and
Compare
Timer
––––
SRAM
–
–
HDMI-CEC
Interface
Controller
––––
–––
BC-Link
Master D
––––
TABLE 7-13:
CLOCK TREE FORCE CONTROL BITS ENCODING
Force ‘OFF’ Bit
Force ‘ON’ Bit
Description
00
Dynamic Clock Tree Gating enabled (Default) (Note 7-19).
0
1
Clock Tree Forced ‘On’
1
0
Clock Tree Forced ‘Off’
11
TABLE 7-12:
MASTER CLOCK TREE BLOCK ALLOCATION (CONTINUED)
Clock Tree
EC Clock
Tree 0
EC Clock
Tree 1
EC Clock
Tree 2
EC Clock
Tree 3
EC Clock
Tree 4
EC Clock
Tree 5
Host Clock
Tree 0
Host Clock
Tree 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com