Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 112 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 112 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 108Page - Microchip Technology MEC1632 Datasheet HTML 109Page - Microchip Technology MEC1632 Datasheet HTML 110Page - Microchip Technology MEC1632 Datasheet HTML 111Page - Microchip Technology MEC1632 Datasheet HTML 112Page - Microchip Technology MEC1632 Datasheet HTML 113Page - Microchip Technology MEC1632 Datasheet HTML 114Page - Microchip Technology MEC1632 Datasheet HTML 115Page - Microchip Technology MEC1632 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 636 page
background image
MEC1632
DS00001592B-page 112
 2012-2018 Microchip Technology Inc.
7.4.10.2
EC Controlled Dynamic Power States
Table 7-14 illustrates the EC Controlled Dynamic Power States that can be achieved using the clock gating feature of
Power Management Interface. The EC Controlled Dynamic Power States closely mirror the system power states
defined by the Generic Block Clocking Model, but 1) redefine the “preparing to sleep” state to include the affects of the
EC sleep state, 2) define additional implementation-specific sleep states that affect Wake Interface latency and 3) indi-
cate the aggregated response of all the MEC1632 power-managed blocks. Typically, the higher the state number in
Table 7-14. the greater the system power savings. Traversing the EC Controlled Dynamic Power States requires the
SLEEP_FLAG, ARC_CLK_DISABLE signal, WAKE signal, the SLEEP CONFIG field, the Block Sleep Enable Registers
and the Clock Required Status Registers.
TABLE 7-14:
EC CONTROLLED DYNAMIC POWER STATES
Power
State Name
SLEEP_FLAG
(
Note 7-20)
ARC_CLK_
DISABLE
(
Note 7-21)
Global
Block
Clock
Status
(
Note 7-22)
SLEEP
CONFIG
(
Note 7-23)
Description
FULL
POWER
0
0
X
X
The system is running. This is the
highest power consumption state.
EC SLEEP
0
1
X
X
EC has executed a sleep
instruction. The rest of the system is
unaffected by the EC SLEEP state.
PREPARING
SYSTEM
SLEEP
1
0
X
X
Sleep commands issued to all sleep-
enabled blocks (see "EC Controlled
Sleep State Activation," on
page 117). The EC can return to the
FULL POWER state from PREPARING
SYSTEM SLEEP by de-asserting (‘0’)
SLEEP_FLAG (see also Note 7-24).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com