Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 111 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 111 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 107Page - Microchip Technology MEC1632 Datasheet HTML 108Page - Microchip Technology MEC1632 Datasheet HTML 109Page - Microchip Technology MEC1632 Datasheet HTML 110Page - Microchip Technology MEC1632 Datasheet HTML 111Page - Microchip Technology MEC1632 Datasheet HTML 112Page - Microchip Technology MEC1632 Datasheet HTML 113Page - Microchip Technology MEC1632 Datasheet HTML 114Page - Microchip Technology MEC1632 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 111
MEC1632
Note 7-19
to shut down EC Clock Tree 0, Host Clock Tree 0 and Host Clock Tree 1 drive the VCC_PWRGD
input pin to ground while the VCC_PWRGD signal function is selected (the default setting for this pin).
7.4.10
POWER MANAGEMENT INTERFACE
7.4.10.1
Overview
The MEC1632 includes several features to help minimize power consumption, the most intrinsic of which is the appli-
cation of advanced gate-level low-power design techniques. The EC can also establish the upper run-time power con-
sumption limit by asserting individual internal block enables (i.e., as described in the Generic Block Clocking Model)
only for functions that are absolutely required during normal operation. Finally, the EC can also dynamically minimize
power consumption by modulating clocks at the block level and within the Clock Generator using the clock gating feature
of the Power Management Interface.
APPLICATION NOTE:
implementing dynamic power management using individual internal block enables alone is
complicated by the fact that, depending on the block implementation, block enables may also
perform a reset function.
There are six EC Controlled Dynamic Power States as described in Section 7.4.10.2, "EC Controlled Dynamic Power
States". These states are achieved using clock gating as described in Section 7.4.10.5, "Clock Gating," on page 115,
which can also affect the 20 MHz Oscillator.
Running and sleeping are the two basic operational modes when considering dynamic power management as defined
by this interface (Figure 7-12). Transitions between these modes are deliberate and persistent. For example, to exit
the full power state the EC must issue a sleep command as described in "EC Controlled Sleep State Activation," on
page 117. Exiting sleep states requires the Wake Interface.
FIGURE 7-12:
MODE TRANSITIONS FOR DYNAMIC POWER MANAGEMENT
FULL
POWER
EC SLEEP
PREPARING
SYSTEM
SLEEP
DEEPEST
SLEEP
HEAVY
SLEEP
LIGHT
SLEEP
SLEEP STATES
EC Sleep Instruction,
SLEEP_FLAG=’0'
Interrupt/Wake Event
SLEEP_FLAG=’1'
EC Sleep Instruction,
No Clocks Required,
Clock Overriode ‘Off’
EC Sleep Instruction,
No Clocks Required,
Clock Override ‘On’
EC Sleep Instruction,
Some Clocks Required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com