Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 113 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 113 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 109Page - Microchip Technology MEC1632 Datasheet HTML 110Page - Microchip Technology MEC1632 Datasheet HTML 111Page - Microchip Technology MEC1632 Datasheet HTML 112Page - Microchip Technology MEC1632 Datasheet HTML 113Page - Microchip Technology MEC1632 Datasheet HTML 114Page - Microchip Technology MEC1632 Datasheet HTML 115Page - Microchip Technology MEC1632 Datasheet HTML 116Page - Microchip Technology MEC1632 Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 113
MEC1632
Note 7-20
SLEEP_FLAG is bit D1 in the Clock Control Register.
Note 7-21
the ARC_CLK_DISABLE signal is described in Table 7-4, “Power, Clocks, and Resets Port List,” on
page 96.
Note 7-22
includes the sum of all the “Core Clock Required Status” outputs defined in the Generic Block
Clocking Model and aggregated in the Clock Required Status Registers.
Note 7-23
this column refers to the SLEEP CONFIG field in the Clock Control Register.
Note 7-24
In the PREPARING SYSTEM SLEEP state when the sleep enable to a block is asserted, EC register
accesses to that block are undefined and should be avoided.
SYSTEM
LIGHT SLEEP
1
1
Clock
Required
X
System is in a sleeping mode but the 20
MHz Oscillator must remain operating
because one or more blocks require a
clock.
SYSTEM
HEAVY
SLEEP 1
Clock Not
Required
0
System is in a sleeping mode and no
blocks require the clock. There is no
clock start up latency following a wake
event in SYSTEM HEAVY SLEEP 1
(see Table 7-41, “SLEEP CONFIG Bit
Encoding,” on page 135).
SYSTEM
HEAVY
SLEEP 2
1
System is in a sleeping mode and no
blocks require the clock. There is mini-
mal clock start up latency following a
wake event in SYSTEM HEAVY SLEEP
2 (see Table 7-41, “SLEEP CONFIG Bit
Encoding,” on page 135).
SYSTEM
HEAVY
SLEEP 3
2
System is in a sleeping mode and no
blocks require the clock. There is
more clock start up latency following a
wake event in SYSTEM HEAVY SLEEP
3 than from SYSTEM HEAVY SLEEP 2
(see Table 7-41, “SLEEP CONFIG Bit
Encoding,” on page 135).
SYSTEM
DEEPEST
SLEEP
3
System is in a sleeping mode and no
blocks require the clock. Clock start
up latency is the longest and power
consumption the lowest in SYSTEM
DEEPEST SLEEP (see Table 7-41,
“SLEEP CONFIG Bit Encoding,” on
page 135).
TABLE 7-14:
EC CONTROLLED DYNAMIC POWER STATES (CONTINUED)
Power
State Name
SLEEP_FLAG
(
Note 7-20)
ARC_CLK_
DISABLE
(
Note 7-21)
Global
Block
Clock
Status
(
Note 7-22)
SLEEP
CONFIG
(
Note 7-23)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com