Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 115 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 115 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 111Page - Microchip Technology MEC1632 Datasheet HTML 112Page - Microchip Technology MEC1632 Datasheet HTML 113Page - Microchip Technology MEC1632 Datasheet HTML 114Page - Microchip Technology MEC1632 Datasheet HTML 115Page - Microchip Technology MEC1632 Datasheet HTML 116Page - Microchip Technology MEC1632 Datasheet HTML 117Page - Microchip Technology MEC1632 Datasheet HTML 118Page - Microchip Technology MEC1632 Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 115
MEC1632
Note 7-25
OSC_SLEEP_ENABLE is illustrated in Figure 7-13 and indicates the status of all the “Core Clock
Required Status” outputs defined in the Generic Block Clocking Model and aggregated in the Clock
Required Status Registers and the SLEEP CONFIG field. For a description of the SLEEP CONFIG
signaling, see the SLEEP CONFIG field in Section 7.8.3, "Clock Control Register," on page 134.
Note 7-26
see "EC Power State Controls," on page 115 and Table 7-4 for a description of the SLEEP_STATE
signal.
Note 7-27
see Section 7.4.10.6, "Wake Interface," on page 118 and Table 7-4 for a description of the WAKE
signal.
Note 7-28
MCLK_OSC_EN is the 20 MHz Oscillator enable control illustrated in Figure 7-13.
7.4.10.5
Clock Gating
7.4.10.5.1
Overview
Power savings using the Power Management Interface comes from Clock Gating as described above and in the sub-
sections that follow. The magnitude of the power savings depends on the configuration of the Block Sleep Enables,
the SLEEP CONFIG field in the Clock Control Register, the configuration of the Master Clock Trees and the operational
status of the individual blocks as defined by the Clock Required Status Registers.
7.4.10.5.2
EC Power State Controls
Assuming WAKE is not asserted, when the SLEEP_FLAG bit in the Clock Control Register is asserted by the EC (see
also "EC Controlled Sleep State Activation," on page 117), a sleep command is sent to all blocks that are configured for
sleep as defined by the Block Sleep Enables. Clock Gating occurs at the block level following the sleep command
depending on the state of the block clocking requirement (see Section 7.8.5, "Clock Required Status Registers," on
page 140).
Once the SLEEP_FLAG bit is asserted, Clock Gating can only occur within the Clock Generator when the ARC_CLK_-
DISABLE signal (see Table 7-4, “Power, Clocks, and Resets Port List,” on page 96) is asserted, at which time the
SLEEP_STATE signal that can affect 20 MHz Oscillator Control is asserted (Table 7-17). Timing for the EC Power
State Controls is defined in Figure 6.7 and Table 6.11.
If WAKE is asserted when EC Controlled Sleep State Activation is attempted, the 20 MHz Oscillator will remain enabled,
the SLEEP_FLAG will be automatically de-asserted by hardware as described in Section 7.4.10.6, "Wake Interface," on
page 118 and an EC interrupt will occur (not shown in Table 7-17).
TABLE 7-16:
MCLK_OSC_EN CONTROL
OSC_SLEEP_
ENABLE
(
Note 7-25)
SLEEP_STATE
(
Note 7-26)
WAKE
(
Note 7-27)
MCLK_OSC_
EN (
Note 7-
28)
Description
0X
X
1
The 20 MHz Oscillator is always enabled
(“on”) when at least one block requires the
clock or the EC has overridden the 20 MHz
Oscillator sleep state using the SLEEP
CONFIG field in the Clock Control Register.
X0
X
The 20 MHz Oscillator is always enabled
(“on”) when SLEEP_STATE is not asserted.
XX
1
The 20 MHz Oscillator is always enabled
(“on”) when WAKE is asserted.
11
0
0
20 MHz Oscillator is disabled (“off”) when
SLEEP_STATE is asserted, all blocks do
not require the 20 MHz Oscillator, the EC
has not overridden the 20 MHz Oscillator
sleep state using the SLEEP CONFIG field
and WAKE is not asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com