Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 118 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 118 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 114Page - Microchip Technology MEC1632 Datasheet HTML 115Page - Microchip Technology MEC1632 Datasheet HTML 116Page - Microchip Technology MEC1632 Datasheet HTML 117Page - Microchip Technology MEC1632 Datasheet HTML 118Page - Microchip Technology MEC1632 Datasheet HTML 119Page - Microchip Technology MEC1632 Datasheet HTML 120Page - Microchip Technology MEC1632 Datasheet HTML 121Page - Microchip Technology MEC1632 Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 636 page
background image
MEC1632
DS00001592B-page 118
 2012-2018 Microchip Technology Inc.
page 136) and behave as illustrated in Figure 7-15, "Block Sleep Enables Example" and Table 7-19, "Block Sleep
Enables Definition". There are three Block Sleep Enable Registers: two EC Blocks Sleep Enables Registers (see Sec-
tion 7.8.4.2 on page 137) and one LPC Blocks Sleep Enables Register (Section 7.8.4.1 on page 136).
Note 7-31
sleep enable for a single block as defined in Section 7.8.4, "Block Sleep Enable Registers," on
page 136.
Note 7-32
Clock Generator sleep enable output signal to a single block (SLEEP_EN) as defined in the Generic
Block Clocking Model.
7.4.10.6
Wake Interface
The Wake Interface terminates the sleep states illustrated in Table 7-14, “EC Controlled Dynamic Power States,” on
page 1121 and includes interrupts to the EC to transition from the EC SLEEP state, as well as wake events that can
restart the 20 MHz Oscillator and terminate the SYSTEM LIGHT SLEEP, SYSTEM HEAVY SLEEP 1, SYSTEM HEAVY
SLEEP 2, SYSTEM HEAVY SLEEP 3 and SYSTEM DEEPEST SLEEP states.
FIGURE 7-15:
Block Sleep Enables EXAMPLE
TABLE 7-19:
Block Sleep Enables DEFINITION
Sleep Enable
(
Note 7-31)
SLEEP_FLAG
(
Note 7-20)
Block SLEEP_EN
Signal
(
Note 7-32)
Description
0
0
0
Block not enabled for sleep, system is in FULL
POWER or EC SLEEP state.
1
Block not enabled for sleep, system is in PRE-
PARING SYSTEM SLEEP or SYSTEM LIGHT
SLEEP state.
1
0
Block enabled for sleep, system is in FULL
POWER or EC SLEEP state.
1
1
Block enabled for sleep, system is in PREPAR-
ING SYSTEM SLEEP, SYSTEM LIGHT
SLEEP, SYSTEM HEAVY SLEEP 1, SYSTEM
HEAVY SLEEP 2, SYSTEM HEAVY SLEEP 3
or SYSTEM DEEPEST SLEEP state.
SLEEP_PWM1
SLEEP_FLAG
PWM1_SLEEP_EN
SLEEP_SMB1
SMB1_SLEEP_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com