Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 120 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 120 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 116Page - Microchip Technology MEC1632 Datasheet HTML 117Page - Microchip Technology MEC1632 Datasheet HTML 118Page - Microchip Technology MEC1632 Datasheet HTML 119Page - Microchip Technology MEC1632 Datasheet HTML 120Page - Microchip Technology MEC1632 Datasheet HTML 121Page - Microchip Technology MEC1632 Datasheet HTML 122Page - Microchip Technology MEC1632 Datasheet HTML 123Page - Microchip Technology MEC1632 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 636 page
background image
MEC1632
DS00001592B-page 120
 2012-2018 Microchip Technology Inc.
7.4.11
MCLK SOURCED CLOCKING
7.4.11.1
Overview
MCLK Sourced Clocking includes all of the Fixed Clock Domain, Host Clock Domain and Programmable Clock Domains
that are derived from the 20 MHz Oscillator. Ring Oscillator Sourced Clocking remains active as long as the 20 MHz
Oscillator is running (see Section 7.4.10.4, "20 MHz Oscillator Control," on page 114).
All MCLK Sourced Clocking and 32K Clock Domain clocking is summarized in Table 7-20.
7.4.11.2
Programmable Clock Domains
7.4.11.2.1
EC Bus Clock
The EC Bus Clock (EC_BUS_CLK_EN) is a programmable clock that is derived from the Block Sleep Enable Registers
as described in Section 7.8.4 on page 136.
7.4.11.2.2
LPC Bus Clock
The LPC Bus Clock (LPC_BUS_CLK_EN) is a fixed clock.
7.4.11.3
Fixed Clock Domain
The Fixed Clock Domain represents non-programmable clocks that are derived from the 20 MHz Oscillator. The Fixed
Clock Domain outputs as shown in Table 7-20 are MCLK, MCLK_DIV2_EN, MCLK_DIV4_EN, MCLK_DIV10_EN, and
MCLK_DIV203_EN.
7.4.11.4
Host Clock Domain
The Host Clock Domain includes clocking for the Legacy Port Functions. Host Clock Domain clock gating is controlled
by VCC_PWRGD such that when VCC_PWRGD is not asserted (‘0’), clocks in the Host Clock Domain are ‘off.’
When VCC_PWRGD is asserted (‘1’) clocks in the Host Clock Domain are ‘on’ and the Legacy Port Functions may be
affected by the EC Controlled Dynamic Power States as described in Section 7.4.10, "Power Management Interface,"
on page 111.
TABLE 7-20:
ALL
Clock Generator OUTPUT PORTS SUMMARY
Symbol
Type
(Clock or Enable)
Nominal
Frequency
Reference
MCLK
CLOCK
20.27 MHz
Section 7.4.3, "20 MHz Oscillator," on
page 100
EC_BUS_CLK_EN
ENABLE
Programmable
"EC Bus Clock," on page 120
LPC_BUS_CLK_EN
ENABLE
20.27 MHz
"LPC Bus Clock," on page 120
MCLK_DIV1_EN
ENABLE
20.27 MHz
Section 7.4.11.3, "Fixed Clock Domain," on
page 120
MCLK_DIV2_EN
ENABLE
10.14 MHz
MCLK_DIV4_EN
ENABLE
5.07 MHz
MCLK_DIV8_EN
ENABLE
2.53 MHz
MCLK_DIV10_EN
ENABLE
2.03 MHz
MCLK_DIV16_EN
ENABLE
1.27 MHz
MCLK_DIV20_EN
ENABLE
1.01 MHz
MCLK_DIV32_EN
ENABLE
0.633 MHz
MCLK_DIV64_EN
ENABLE
317 KHz
MCLK_DIV128_EN
ENABLE
158 KHz
MCLK_DIV203_EN
ENABLE
99.852 KHz
MCLK_5HZ_EN
ENABLE
5 Hz
MCLK_DIV20_EN_HST
ENABLE
1.01 MHz
Section 7.4.11.4, "Host Clock Domain," on
page 120
X32K_CLK
CLOCK
32.768 KHz
Section 7.4.5, "32.768 KHz Silicon Oscillator,"
on page 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com