Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 123 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 123 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 119Page - Microchip Technology MEC1632 Datasheet HTML 120Page - Microchip Technology MEC1632 Datasheet HTML 121Page - Microchip Technology MEC1632 Datasheet HTML 122Page - Microchip Technology MEC1632 Datasheet HTML 123Page - Microchip Technology MEC1632 Datasheet HTML 124Page - Microchip Technology MEC1632 Datasheet HTML 125Page - Microchip Technology MEC1632 Datasheet HTML 126Page - Microchip Technology MEC1632 Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 123
MEC1632
7.5.2
POWER SUPPLY CONFIGURATIONS
There are two acceptable types of MEC1632 power supply configuration that fundamentally differ based on the need
for a backup battery connection to VBAT. In both cases VTR is connected to the suspend supply as described in Sec-
tion 7.5.1, "Power Supplies and Clocks ACPI Context," on page 121.
7.5.2.1
TYPE 1
TYPE 1 configurations do not use a VBAT backup battery connection, VBAT is tied to VTR and the Reset Interface gen-
erates a VBAT_POR whenever VTR powers up as described in Section 7.6.5, "VBAT_POR," on page 128.In TYPE
1 configurations the VBAT-Powered Control Interface is fully operational when VTR is powered.
7.5.2.2
TYPE 2
TYPE 2 configurations use a VBAT backup battery connection. Power supply requirements for TYPE 2 configurations
are as follows: VBAT is connected to a backup battery that is externally switched through a diode with VTR (Figure 7-
17).
In this configuration some internal components that utilize the VBAT power plane are switched internally to VTR using
a Power Mux when VTR power is applied as described in Section 7.7.1, "Power Mux," on page 129.
In TYPE 2 configurations, the VBAT-Powered Control Interface can be used to power-on an unpowered system.
FIGURE 7-17:
TYPE 2 POWER SUPPLY CONFIGURATION
VTR
VBAT
VTR
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com