Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 124 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 124 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 120Page - Microchip Technology MEC1632 Datasheet HTML 121Page - Microchip Technology MEC1632 Datasheet HTML 122Page - Microchip Technology MEC1632 Datasheet HTML 123Page - Microchip Technology MEC1632 Datasheet HTML 124Page - Microchip Technology MEC1632 Datasheet HTML 125Page - Microchip Technology MEC1632 Datasheet HTML 126Page - Microchip Technology MEC1632 Datasheet HTML 127Page - Microchip Technology MEC1632 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 636 page
background image
MEC1632
DS00001592B-page 124
 2012-2018 Microchip Technology Inc.
7.5.3
POWER-UP SEQUENCE
Table 7-24 summarizes the MEC1632 Power-Up Sequence. For information regarding the typical relationships of the
MEC1632 power supplies to the system power states see Section 7.5, "Power Configuration," on page 121.
.
Note 7-37
for VTR-powered on-chip registers that are reset by VCC_PWRGD, it is important that firmware not
write to any of these registers until 1 ms following the assertion of VCC_PWRGD (‘1’).
7.6
Reset Interface
7.6.1
OVERVIEW
The primary function of the Reset Interface (Figure 7-18) is to generate VTR and VBAT reset signaling; including,
VTRGD, VBAT_POR, nSYS_RST, nEC_RST and Watch-Dog Timer Forced Reset (Table 7-25). The Reset Interface
also includes section regarding a RESET Pin Interface, and the 1.8V Regulator. There is other VCC-related Reset
Interface functionality not shown in Figure 7-18 that is described Section 7.7.2, "VCC Power Good," on page 129 and
Section 7.7.3, "LPC RESET," on page 129.
Also included in the Reset Interface are descriptions of the Power Mux and Registers Interface. These are related
Power, Clocks, and Resets functions that are not described anywhere else in this chapter.
7.6.2
STRAP OPTIONS
Note 7-38
This strap option is sampled on VTR power up, and is not affected by RESETI# or a WDT reset.
Note 7-39
This GPIO pin is sampled by the Boot ROM code following a VTR power up, and when RESETI# is
asserted.
TABLE 7-24:
Power-Up Sequence
VBAT
VTR
VCC
Reset Interface
Description
1.
OFF
OFF
OFF
–
MEC1632 fully unpowered
2.
ON
OFF
OFF
–
32.768 KHz Silicon Oscillator may be disabled as
described in Section 7.6.5, "VBAT_POR," on
page 128.
3.
ON
ON
OFF
VBAT_POR,
VTRGD,
nSYS_RST.
nEC_RST,
nSIO_RESET
VBAT-powered registers may be reset as
described in Section 7.6.5, "VBAT_POR," on
page 128. VTR-powered registers and blocks
reset (nSYS_RST). EC held in reset as
described in Section 7.6.7, "nEC_RST," on
page 128.
nSIO_RESET asserted.
20 MHz Oscillator enabled.
EC begins code execution following a delay as
described in Section 7.6.7, "nEC_RST," on
page 128.
4.
ON
ON
ON
VCC_PWRGD,
nSIO_RESET
Registers affected by VCC_PWRGD are reset
(Note 7-37)
Firmware de-asserts nSIO_RESET as described
in "iRESET OUT," on page 133.
TABLE 7-25:
VTR/VBAT RESET THRESHOLDS
Parameter
MIN
TYP
MAX
Units
Notes
VTRGD Reset Threshold
0.5
1.8
2.7
Volts
VBAT_POR Reset Threshold
0.5
1.25
1.9
TABLE 7-26:
STRAP OPTIONS
Name
Pin
Notes
Boundary Scan
GPIO171/MSDATA
Note 7-38
UART_BOOT_STRAP
GPIO166
Note 7-39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com