Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 128 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 128 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 124Page - Microchip Technology MEC1632 Datasheet HTML 125Page - Microchip Technology MEC1632 Datasheet HTML 126Page - Microchip Technology MEC1632 Datasheet HTML 127Page - Microchip Technology MEC1632 Datasheet HTML 128Page - Microchip Technology MEC1632 Datasheet HTML 129Page - Microchip Technology MEC1632 Datasheet HTML 130Page - Microchip Technology MEC1632 Datasheet HTML 131Page - Microchip Technology MEC1632 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 636 page
background image
MEC1632
DS00001592B-page 128
 2012-2018 Microchip Technology Inc.
7.6.5
VBAT_POR
VBAT_POR occurs within the Reset Interface whenever the coin cell is replaced, or the VBAT voltage falls below 1.25
V nominal (Table 7-25).
There is also a VBAT_POR pulse external to the Reset Interface (Figure 7-20) that is used to reset VBAT powered status
bits in VTR powered registers. This pulse is asserted at the rising edge of nSYS_RST if a VBAT_POR was detected
within the Reset Interface when VTRGD was not asserted.
Note that both the 32.768 KHz Silicon Oscillator and the 32.768 KHz Crystal Oscillator are stopped if the coin cell is
replaced, or the VBAT voltage falls below 1.25 V nominal while VTRGD is not asserted. No action is taken if the coin
cell is replaced, or the VBAT voltage falls below 1.25 V nominal while VTRGD is asserted.
VBAT_POR is used as described throughout this specification to reset registers and functional device
blocks. VBAT_POR events are registered in the Power-Fail and Reset Status Register.
7.6.6
NSYS_RST
nSYS_RST is a combination of the following reset sources as described below: VTRGD, Watch-Dog Timer Forced
Reset, the RESETI# pin.
nSYS_RST is VTRGD synchronized to the 20 MHz Oscillator. Note that VTRGD and nSYS_RST have the same log-
ical sense (uninverted); however, because of nomenclature, the asserted states are opposite. Note that VTRGD is
defined in Section 7.6.4, "VTRGD," on page 126.
nSYS_RST is de-asserted as defined in Figure 7-20, "VTR Power-Up Timing" and in Table 7-28, "VTR Power-Up
Timing". nSYS_RST can also be asserted as a result of a Watch-Dog Timer Forced Reset as described in Section
7.7.4, "Watch-Dog Timer Forced Reset," on page 130, or when the RESETI# pin is asserted as described in Section
7.6.3, "RESET Pin Interface," on page 126. nSYS_RST is asserted as soon as either the VTR or VTR_1.8 power sup-
plies drop below preset voltage thresholds (see FIGURE 7-21: VTR Power-Down Timing on page 127).
nSYS_RST is the reset signal for all VTR-powered blocks except for the 20 MHz Oscillator and the Embedded
Controller. nSYS_RST also affects the VBAT-Powered Control Interface as described in Table 34-2, “VCI Output Truth
Table,” on page 501.
7.6.7
NEC_RST
nEC_RST is a delayed version of nSYS_RST that is used to reset the Embedded Controller and for Registers Interface
as described in Section 7.8, "Registers Interface," on page 130.
nEC_RST can be asserted as a result of a Watch-Dog Timer Forced Reset as described in Section 7.7.4, "Watch-Dog
Timer Forced Reset," on page 130, or when the RESETI# pin is asserted as described in Section 7.6.3, "RESET Pin
Interface," on page 126.Like nSYS_RST, nEC_RST is asserted as soon as either the VTR or VTR_1.8 power sup-
plies drop below preset voltage thresholds (see FIGURE 7-21: VTR Power-Down Timing on page 127).
nEC_RST is de-asserted as defined in Figure 7-20, "VTR Power-Up Timing" and in Table 7-28, "VTR Power-Up
Timing". nEC_RST is held asserted while the Gang Programmer Interfaceis activated.
7.7
1.8V Regulator
The 1.8V Regulator generates the MEC1632 core power well. As illustrated in Figure 7-18, "Reset Interface Block Dia-
gram", the input to the 1.8V Regulator is VTR, the output is VTR_1.8 (see also Table 7-4). The 1.8V Regulator is not
used when VTR is inactive, as described in Section 7.7.1, "Power Mux" below.
The stability of the 1.8V Regulator amplifier depends on an external capacitor, VR_CAP as described in Table 7-4.The
choice of capacitor can be either ceramic or low ESR tantalum. Ceramics are the recommended choice due to their
superior AC performance (below 100 m
 ESR), but X5R dielectrics should be used to prevent greater than 20% capac-
itance variation over temperature and voltage. Low ESR tantalum capacitors will work but care should be taken
because the ESR can vary 2x at low temperatures.
APPLICATION NOTE:
the 1.8V Regulator can be suspended in the SYSTEM DEEPEST SLEEP state using the
VREG SUS bit in the VREG Control Register on page 147.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com