Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 129 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 129 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 125Page - Microchip Technology MEC1632 Datasheet HTML 126Page - Microchip Technology MEC1632 Datasheet HTML 127Page - Microchip Technology MEC1632 Datasheet HTML 128Page - Microchip Technology MEC1632 Datasheet HTML 129Page - Microchip Technology MEC1632 Datasheet HTML 130Page - Microchip Technology MEC1632 Datasheet HTML 131Page - Microchip Technology MEC1632 Datasheet HTML 132Page - Microchip Technology MEC1632 Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 129
MEC1632
7.7.1
POWER MUX
To provide the highest reliability and lowest possible power consumption, the Power Mux switches between the 1.8V
Regulator and a level-shifted VBAT voltage to produce the 1.8V internal supply for VBAT-backed logic (VTR1.8_BAT in
Table 7-4).
Power Mux switching depends on the voltage level of the 1.8V Regulator and the VTR supply. As illustrated in
Figure 7-18, the Power Mux selects the 1.8V Regulator after the VTR and the VTR_1.8 power supplies exceed preset
voltage thresholds. The Power Mux selects the VBAT supply as soon as either the VTR or VTR_1.8 power supplies
drop below these thresholds (see FIGURE 7-21: VTR Power-Down Timing on page 127).
Note that the Power Mux only switches 1.8 volts. To provide minimum VBAT power consumption for 3.3V VBAT pow-
ered outputs when VTR is fully powered, supply switching from VBAT to VTR must be done externally.
There is a separate power mux not shown in Figure 7-18 to ensure that the 32.768 KHz Silicon Oscillator is powered
when VTR is powered for TYPE 1 Power Supply Configurations.
7.7.2
VCC POWER GOOD
VCC Power Good is defined by the VCC_PWRGD input pin (Table 7-4). VCC_PWRGD is also synchronized to the 20
MHz Oscillator and used for the functions shown in Table 7-29.
The VCC_PWRGD input must always be driven to a ‘1’ or a ‘0,’ even when VCC is 0 V. The minimum VCC_PWRGD
pulse width (high and low) is shown below in Table 7-29.
7.7.3
LPC RESET
LPC RESET (LPC_RST# in Table 7-4) is defined by VCC_PWRGD, LRESET# and VTRGD as illustrated in Table 7-
31. LPC RESET only affects logic that is driven by PCI_CLK.
Note 7-42
this is the Table 7-4 VCC_PWRGD input.
Note 7-43
this is the Table 7-4 LRESET# input. The EC can determine the state of the LRESET# input using
registers in Table 6-8, “LPC Bus Monitor Register,” on page 90.
Note 7-44
see Section 7.6.4, "VTRGD," on page 126.
Note 7-45
LPC RESET is the Table 7-4 LPC_RST# output. The trailing edge of LPC_RST# is synchronized to
the PCI_CLK in Table 7-4.
TABLE 7-29:
VCC_PWRGD INPUT TIMING
Parameter
Symbol
MIN
TYP
MAX
Units
Notes
VCC_PWRGD Pulse Width
tVPGPW
31
–
–
ns
TABLE 7-30:
FUNCTIONS AFFECTED BY
VCC Power Good
Name
Reference
Host Clock Domain
see Section 7.4.11.4, "Host Clock Domain," on page 120
LPC RESET
Section 7.7.3, "LPC RESET," on page 129
nSIO_RESET
"iRESET OUT," on page 133.
VCC_PWRGD_BUFF
Table 7-4, “Power, Clocks, and Resets Port List,” on page 96.
VCC_PWRGD
"VCC PWRGD," on page 133
TABLE 7-31:
LPC RESET DEFINITION
VCC_PWRGD
(
Note 7-42)
LRESET#
(
Note 7-43)
VTRGD
(
Note 7-44)
LPC RESET
(
Note 7-45)
0X
X
0
1
0
Undefined
01
0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com