Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 133 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 133 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 129Page - Microchip Technology MEC1632 Datasheet HTML 130Page - Microchip Technology MEC1632 Datasheet HTML 131Page - Microchip Technology MEC1632 Datasheet HTML 132Page - Microchip Technology MEC1632 Datasheet HTML 133Page - Microchip Technology MEC1632 Datasheet HTML 134Page - Microchip Technology MEC1632 Datasheet HTML 135Page - Microchip Technology MEC1632 Datasheet HTML 136Page - Microchip Technology MEC1632 Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 133
MEC1632
7.8.2
PCR STATUS AND CONTROL REGISTER
VCC PWRGD
The VCC PWRGD bit reflects the state of the synchronized VCC_PWRGD input pin (see Section 7.7.2, "VCC Power
Good," on page 129). The VCC PWRGD pin can generate an either-edge interrupt as described in the note associated
with the VCC PWRGD signal in Section 24.6, "GPIO Indexing," on page 391.
iRESET OUT
The iRESET OUT bit is used by firmware to control the nSIO_RESET signal function (Table 7-4). Firmware can pro-
gram the state of iRESET OUT except when the VCC PWRGD bit is not asserted (‘0’), in which case iRESET OUT is
‘don’t care’ and nSIO_RESET is asserted (‘0’) (Table 7-39). In all other cases, the nSIO_RESET signal function is
always the inverse of the iRESET OUT bit.
APPLICATION NOTE:
it should be noted that when the iRESET OUT bit is asserted (‘1’) the internal nSIO_RESET
is asserted even if the nRESET_OUT pin is configured as an alternate function.
Note 7-47
When the iRESET OUT bit is set to ‘1’, the falling edge of VCC PWRGD will cause the nRESET_OUT
signal function to be asserted within 15ns, A subsequent rising edge of VCC PWRGD will cause the
nRESET_OUT signal function to de-assert within 3 MCLKs.
Note 7-48
nSIO_RESET is also the source for the nRESET_OUT signal function.
FREQ LOCK
FREQ LOCK is asserted (‘1’) when the accuracy of the 20 MHz Oscillator is within the tightest tolerance described in
Table 7-6, “20 MHz Oscillator Timing Parameters,” on page 101.
TABLE 7-38:
PCR Status and Control Register
HOST
ADDRESS
N/A
N/A HOST SIZE
EC OFFSET
08h
32-bit EC SIZE
POWER
VTR
N/A nSYS_RST DEFAULT
BUS
EC SPB
BIT
D31
D30
D29
---
D10
D9
D8
HOST TYPE
––
–
–
–
–
–
–
EC TYPE
RR
R
R
R
R
RR
BIT NAME
Reserved
BIT
D7
D6
D5
D4
D3
D2
D1
D0
HOST TYPE
––
–
–
–
–
–
–
EC TYPE
RR
R
R/W
R
R
R
R
BIT NAME
Reserved
FREQ
LOCK
iRESET
OUT
Reserved
Reserved
VCC PWRGD
Reserved
TABLE 7-39:
iRESET OUT BIT BEHAVIOR
VCC PWRGD
iRESET OUT
nSIO_RESET &
nRESET_OUT
(See
Note 7-48)
Description
0
X
0 (ASSERTED)
The iRESET OUT bit does not affect the state of
nSIO_RESET when VCC PWRGD is not asserted.
1
1
0 (ASSERTED)
The iRESET OUT bit can only be written by firmware
when VCC PWRGD is asserted.
01 (NOT
ASSERTED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com