Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 130 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 130 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 126Page - Microchip Technology MEC1632 Datasheet HTML 127Page - Microchip Technology MEC1632 Datasheet HTML 128Page - Microchip Technology MEC1632 Datasheet HTML 129Page - Microchip Technology MEC1632 Datasheet HTML 130Page - Microchip Technology MEC1632 Datasheet HTML 131Page - Microchip Technology MEC1632 Datasheet HTML 132Page - Microchip Technology MEC1632 Datasheet HTML 133Page - Microchip Technology MEC1632 Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 636 page
background image
MEC1632
DS00001592B-page 130
 2012-2018 Microchip Technology Inc.
7.7.4
WATCH-DOG TIMER FORCED RESET
A Watch-Dog Timer Forced Reset (Figure 7-22) occurs when the WDT_ALRT input (Table 7-4) is asserted (‘1’). As
shown in Figure 7-22, VTRGD is de-asserted (‘0’) and nSYS_RST and nEC_RST are asserted (‘0’) when WDT_ALRT
is asserted. The VTRGD reset time (tRST) is determined by the 32.768 KHz Silicon Oscillator as shown in Table 7-
32. Following the VTRGD reset time, the nSYS_RST Delay Time (tSYNC) and the nEC_RST Delay Time (tSTRETCH)
are determined using the 20 MHz Oscillator as described in Figure 7-20, "VTR Power-Up Timing" and Table 7-28, "VTR
Power-Up Timing".
Note that analog reset signal functions are not shown in Figure 7-22 because it is assumed that the power supplies are
fully powered and stable during a Watch-Dog Timer Forced Reset.
7.8
Registers Interface
The Power, Clocks, and Resets registers are located in two address ranges with two Base Address as indicated in
Table 7-33. See Note 4-1 on page 60.
Table 7-34 is a register summary for the Power, Clock & Reset (VTR PWR’ed) registers. Table 7-35 is a register sum-
mary for the Power, Clock & Reset (VBAT PWR’ed) registers
Each EC address is indicated as an SPB Offset from its AHB base address as indicated in Table 7-33.
The following tables summarize the registers allocated for each Instance. The offset field in the following table is the
offset from the Embedded Controller (EC) Base Address.
FIGURE 7-22:
Watch-Dog Timer Forced Reset TIMING
TABLE 7-32:
Watch-Dog Timer Forced Reset TIMING
Parameter
Symbol
MIN
TYP
MAX
Units
VTRGD Reset Time
tRST
1–
2
32.768 KHz Silicon Oscillator
Clock Cycles
nSYS_RST Delay Time
tSYNC
(see FIGURE 7-20: VTR Power-Up Timing on page 127)
nEC_RST Delay Time
tSTRETCH
TABLE 7-33:
POWER, CLOCKS AND RESETS INTERFACE BASE ADDRESS TABLE
Power, Clocks and Reset
Blocks
LDN from
(
Table 4-2 on
page 59)
AHB Base Address
Power, Clock & Reset (VTR
PWR’ed)
32h
F0_C800h
Power, Clock & Reset
(VBAT PWR’ed)
33h
F0_CC00h
VTRGD
nEC_RST
tRST
tSTRETCH
WDT_ALRT
nSYS_RST
tSYN
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com