Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 132 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 132 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 128Page - Microchip Technology MEC1632 Datasheet HTML 129Page - Microchip Technology MEC1632 Datasheet HTML 130Page - Microchip Technology MEC1632 Datasheet HTML 131Page - Microchip Technology MEC1632 Datasheet HTML 132Page - Microchip Technology MEC1632 Datasheet HTML 133Page - Microchip Technology MEC1632 Datasheet HTML 134Page - Microchip Technology MEC1632 Datasheet HTML 135Page - Microchip Technology MEC1632 Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 636 page
background image
MEC1632
DS00001592B-page 132
 2012-2018 Microchip Technology Inc.
7.8.1
EC CLOCK DIVIDER REGISTER
7.8.1.1
Overview
The Block Sleep Enable Registers (Table 7-36) contains the EC_CLK_DIV bits that are used to program the EC clock
and the EC_AHB clock enable frequency as described in Table 7-37.
EC_CLK_DIV
The EC_CLK_DIV bits contain the binary encoded divider that determines the EC clock and EC_AHB clock enable fre-
quency (Table 7-37). Writing ‘0’ to the Block Sleep Enable Registers has no effect. The EC_CLK_DIV default is 01h.
APPLICATION NOTE:
To support EC traffic to the LPC Subsystem, the EC_AHB clock frequency must be equal to
or less than the LPC_AHB clock frequency.
APPLICATION NOTE:
the JTAG clock cannot be higher than 1/2 the EC clock as defined by the EC Clock Divider
Register.
TABLE 7-36:
EC Clock Divider Register
HOST ADDRESS
N/A
N/A HOST SIZE
EC OFFSET
00h
32-bit EC SIZE
POWER
VTR
01h nSYS_RST DEFAULT
BUS
EC SPB
BIT
D31
D30
D29
---
D10
D9
D8
HOST TYPE
–
–––
––
–
–
EC TYPE
R
R
RRR
R
RR
BIT NAME
Reserved
BIT
D7
D6D5D4
D3D2
D1
D0
HOST TYPE
–
–––
––
–
–
EC TYPE
R
R
R
R
R/W
R/W
R/W
R/W
BIT NAME
Reserved
EC_CLK_DIV
TABLE 7-37:
EC_CLK_DIV ENCODING
EC_CLK_DIV
Nominal Frequency (MHz)
0h
No Change
1h
20.27 (default)
2h
10.14
3h - Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com