Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 136 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 136 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 132Page - Microchip Technology MEC1632 Datasheet HTML 133Page - Microchip Technology MEC1632 Datasheet HTML 134Page - Microchip Technology MEC1632 Datasheet HTML 135Page - Microchip Technology MEC1632 Datasheet HTML 136Page - Microchip Technology MEC1632 Datasheet HTML 137Page - Microchip Technology MEC1632 Datasheet HTML 138Page - Microchip Technology MEC1632 Datasheet HTML 139Page - Microchip Technology MEC1632 Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 636 page
background image
MEC1632
DS00001592B-page 136
 2012-2018 Microchip Technology Inc.
7.8.4
BLOCK SLEEP ENABLE REGISTERS
The Block Sleep Enables identified in the Block Sleep Enable Registers are described below in Section 7.8.4.1, "LPC
Blocks Sleep Enables Register," on page 136 and Section 7.8.4.2, "EC Blocks Sleep Enables Registers," on
page 137. The behavior of the Block Sleep Enables is described in "Block Sleep Enables," on page 117.
7.8.4.1
LPC Blocks Sleep Enables Register
Some LPC accessible blocks have no Block Sleep Enable bit in the LPC Blocks Sleep Enables Register. Table 7-44
describes these.
TABLE 7-42:
LPC Blocks Sleep Enables Register
HOST ADDRESS
N/A
N/A HOST SIZE
EC OFFSET
10h
32-bit EC SIZE
POWER
VTR
0000_0000h nSYS_RST DEFAULT
BUS
EC SPB
BIT
D31
D30
. . .
D2
D9
D8
HOST TYPE
––
. . .
––
–
EC TYPE
R
BIT NAME
Reserved
BIT
D7
D6
D5
D4
D3
D2
D1
D0
HOST TYPE
––
–
–
–
–
–
–
EC TYPE
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
RTC
EMI
FLASH
SPI
MCHP
Reserved
UART
LPC
Reserved
TABLE 7-43:
LPC BLOCKS SLEEP ENABLES/CLOCK REQUIRED REGISTERS BIT NAMES
Bit Name
Block Name
Block Cross Reference
UART
16C550A UART
Section 13.8, "Sleep Enable/ Clock Request Power State Con-
trols," on page 239
FLASH SPI
LPC GP-SPI
Section 33.0, "General Purpose Serial Peripheral Interface
(GP-SPI)," on page 475
EMI
Embedded Memory Interface
Section 8.0, "Embedded Memory Interface," on page 151
RTC
Real-Time Clock
Section 23.0, "RTC With Date and DST Adjustment," on
page 375
MCHP Reserved
–
MCHP Reserved Sleep bits must be set to ‘1’ to put the device
into Heavy and Deep Sleep States. See Table 7-14, “EC Con-
trolled Dynamic Power States,” on page 112
TABLE 7-44:
LPC BLOCKS NOT CONTROLLED BY
LPC Blocks Sleep Enables Register
Block Name
Block Cross Reference
LPC Interface
Section 6.10.4, "EC Clock Control Register," on page 92
Legacy Port Functions
Legacy Support on page 197
ACPI EC Interface
Section 9.0, "ACPI Embedded Controller Interface (ACPI-ECI)," on
page 170
8042 Emulated Keyboard Controller
Interface
Section 10.0, "8042 Emulated Keyboard Controller," on page 190
ACPI PM1 Interface
Section 11.0, "ACPI PM1 Block Interface," on page 205
Mailbox Registers Interface
Section 12.0, "MailBox Register Interface," on page 213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com