Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 140 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 140 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 136Page - Microchip Technology MEC1632 Datasheet HTML 137Page - Microchip Technology MEC1632 Datasheet HTML 138Page - Microchip Technology MEC1632 Datasheet HTML 139Page - Microchip Technology MEC1632 Datasheet HTML 140Page - Microchip Technology MEC1632 Datasheet HTML 141Page - Microchip Technology MEC1632 Datasheet HTML 142Page - Microchip Technology MEC1632 Datasheet HTML 143Page - Microchip Technology MEC1632 Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 636 page
background image
MEC1632
DS00001592B-page 140
 2012-2018 Microchip Technology Inc.
Note 7-50
Some EC accessible blocks have no Block Sleep Enable bit in the EC Blocks Sleep Enables Register
1. Table 7-48 describes these.
7.8.5
CLOCK REQUIRED STATUS REGISTERS
The Clock Required Status Registers indicates the core clock status per block as defined in Section 7.4.8, "Generic
Block Clocking Model," on page 105.Like the Block Sleep Enable Registers, there are two types of Clock Required
Status Registers: the LPC Blocks Clock Required Status Register and the EC Blocks Clock Required Status Registers.
When a bit in the Clock Required Status Registers is asserted (‘1’), the block is enabled and requires that the 20 MHz
Oscillator remain running as defined in "EC Power State Controls," on page 115.
When a bit in the Clock Required Status Registers is not asserted (‘0’), the block is either not enabled as defined in the
Generic Block Clocking Model, or has been commanded to sleep and no longer requires the 20 MHz Oscillator.
MCHP Reserved
–
–
Note:
MCHP Reserved Sleep Enable bits must
be set to ‘1’ to put the device into Heavy
and Deep Sleep States. See Table 7-14,
“EC Controlled Dynamic Power States,” on
page 112
Reserved
–
–
TABLE 7-48:
EC BLOCKS NOT CONTROLLED BY
EC Blocks Sleep Enables Registers
Block Name
Block Cross Reference
MCU Serial Debug Port
Section 41.0, "Trace FIFO Debug Port (TFDP)," on page 562
Master BC Link B
Section 39.0, "BC-Link Master," on page 547
Master BC Link A
Master BC Link D
Flash Interface
Section 14.0, "Embedded Flash Subsystem," on page 240
EC
Section 16.0, "ARC 625D Embedded Controller," on page 280
Interrupt Aggregater
Section 17.0, "EC Interrupt Aggregator," on page 287 (see also Section 7.4.9.2.2,
"INTERRUPT AGGREGATOR CLOCK TREE," on page 109)
Week Alarm Timer
Section 22.0, "Week Alarm Interface," on page 370
GPIO
Section 24.0, "GPIO Interface," on page 388 (see also Section 7.4.9.2.3, "GPIO
CLOCK TREE," on page 109)
VCI
Section 34.0, "VBAT-Powered Control Interface," on page 499
VBAT_RAM
Section 35.0, "VBAT Powered RAM," on page 508
TABLE 7-47:
EC BLOCKS SLEEP ENABLES/CLOCK REQUIRED REGISTERS BIT NAMES
Bit Name
Block Name (
Note 7-50)
Block Cross Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com