Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 143 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 143 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 139Page - Microchip Technology MEC1632 Datasheet HTML 140Page - Microchip Technology MEC1632 Datasheet HTML 141Page - Microchip Technology MEC1632 Datasheet HTML 142Page - Microchip Technology MEC1632 Datasheet HTML 143Page - Microchip Technology MEC1632 Datasheet HTML 144Page - Microchip Technology MEC1632 Datasheet HTML 145Page - Microchip Technology MEC1632 Datasheet HTML 146Page - Microchip Technology MEC1632 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 143
MEC1632
TABLE 7-51:
EC BLOCKS CLOCK REQUIRED STATUS REGISTER 2
HOST
ADDRESS
N/A
N/A HOST SIZE
EC OFFSET
34h
32-bit EC SIZE
POWER
VTR
N/A nSYS_RST DEFAULT
EC SPB
BIT
D31
D30
D28
D28
D27
D26
D25
D24
HOST TYPE
––
–
–
–
–
–
–
EC TYPE
R
R
R
R
R/W
R/W
R/W
R/W
BIT NAME
Reserved
SMB3
Rsrvd
TACH5
TACH4
BIT
D23
D22
D21
D20
D19
D18
D17
D16
HOST TYPE
––
–
–
–
–
–
–
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
PWM15
PWM14
PWM13
PWM12
PWM11
PWM10
PWM9
PWM8
BIT
D15
D14
D13
D12
D11
D10
D9
D8
HOST TYPE
––
–
–
–
–
–
–
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
LED2
LED1
LED0
CEC
Rsrvd
KSC
PECI
ADC
BIT
D7
D6
D5
D4
D3
D2
D1
D0
HOST TYPE
––
–
–
–
–
–
–
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
DMA
CCT
SMB2
TACH3
PWM7
PWM6
PWM5
PWM4
TABLE 7-52:
BLOCKS NOT CONTROLLED BY SLEEP ENABLE BITS WITH CLOCK REQUIRED
STATUS OUTPUTS
Bit Name
Block Name
Block Cross Reference
LEGACY
Legacy Port Functions
Legacy Support on page 197
UART
16C550A UART
Section 13.8, "Sleep Enable/ Clock Request Power
State Controls," on page 239
LPC
LPC Interface
Section 6.10.4, "EC Clock Control Register," on
page 92
FLASH
Flash Interface
Section 14.0, "Embedded Flash Subsystem," on
page 240
MBCLB
Master BC Link B
Section 39.0, "BC-Link Master," on page 547
MBCLA
Master BC Link A
MBCLD
Master BC Link D
BDP0
BIOS Debug Port 0
Section 40.0, "Port 80 BIOS Debug Port," on
page 555
BDP1
BIOS Debug Port 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com