Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 147 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 147 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 143Page - Microchip Technology MEC1632 Datasheet HTML 144Page - Microchip Technology MEC1632 Datasheet HTML 145Page - Microchip Technology MEC1632 Datasheet HTML 146Page - Microchip Technology MEC1632 Datasheet HTML 147Page - Microchip Technology MEC1632 Datasheet HTML 148Page - Microchip Technology MEC1632 Datasheet HTML 149Page - Microchip Technology MEC1632 Datasheet HTML 150Page - Microchip Technology MEC1632 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 147
MEC1632
7.8.9
VREG CONTROL REGISTER
MCHP RESERVED
Writing to MCHP Reserved bits may cause undesirable results.
VREG SUS
TABLE 7-56:
VREG Control Register
HOST
ADDRESS
N/A
N/A HOST SIZE
EC OFFSET
48h
32-bit EC SIZE
POWER
VTR
00h nSYS_RST DEFAULT
BUS
EC SPB
BIT
D31
D30
D29
---
D10
D9
D8
HOST TYPE
––––––––
EC TYPE
R
RRRR
R
RR
BIT NAME
Reserved
BIT
D7D6D5D4D3D2D1D0
HOST TYPE
––––––––
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
VREG
SUS
MCHP Reserved
TABLE 7-57:
VREG SUS BIT ENCODING
VREG SUS
Description
0
1.8V Regulator is always powered.
1
Suspend 1.8V Regulator in SYSTEM HEAVY SLEEP 2, SYSTEM HEAVY
SLEEP 3 and SYSTEM DEEPEST SLEEP state (see Table 7-14, “EC
Controlled Dynamic Power States,” on page 112)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com