Electronic Components Datasheet Search
  English  ▼

X  

MEC1632 Datasheet(PDF) 151 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 151 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 147Page - Microchip Technology MEC1632 Datasheet HTML 148Page - Microchip Technology MEC1632 Datasheet HTML 149Page - Microchip Technology MEC1632 Datasheet HTML 150Page - Microchip Technology MEC1632 Datasheet HTML 151Page - Microchip Technology MEC1632 Datasheet HTML 152Page - Microchip Technology MEC1632 Datasheet HTML 153Page - Microchip Technology MEC1632 Datasheet HTML 154Page - Microchip Technology MEC1632 Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 151
MEC1632
8.0
EMBEDDED MEMORY INTERFACE
8.1
General Description
The Embedded Memory Interface provides a standard run-time mechanism for the host to communicate with the
Embedded Controller (EC) and other logical components in the MEC1632 (Figure 8-1). The Embedded Memory Inter-
face includes 12 byte-addressable registers in the Host’s I/O address space, as well as 20 bytes of registers that are
accessible only by the EC. The Embedded Memory Interface can be used by the Host to read any byte in a region of
EC closely-coupled memory, designated by the EC, without requiring any assistance from the EC. A portion of the mem-
ory can be written by the Host without any EC assistance as well.
8.1.1
BLOCK DIAGRAM
8.2
Power, Clocks and Reset
8.2.1
POWER DOMAIN
This block is powered by the VTR power supply.
8.2.2
CLOCKS
This block has two clock inputs, the LPC Bus Clock and the EC clock.
The Embedded Memory Interface includes support for system-level clock gating. The clock required output is the
inversion of the sleep enable input.
8.2.3
RESET
This block is reset when nSYS_RST is asserted.
FIGURE 8-1:
EMBEDDED MEMORY INTERFACE BLOCK DIAGRAM
Host-to-EC
EC-to-Host
DCCM
HOST
EC
Int
SMI or PME
Host Interrupt Source
Embedded Memory Address
Embedded Memory Data
Addr
Addr
Data
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com